Electronic Components Datasheet Search
  English  ▼

X  

48SWTQFN-EP Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # 48SWTQFN-EP
Description  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 9Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 10Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 11Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 12Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 13Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 14Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 15Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 16Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 103 page
background image
(VAVDD18 = VDVDD18 = 1.7V to 1.9V, VAVDD3 = 3.0V to 3.6V, VIOVDD = 1.7V to 3.6V, RL = 100Ω ±1% (differential), EP connected
to PCB ground (GND), TA = -40°C to +105°C, unless otherwise noted. Typical values are at VAVDD18 = VDVDD18 = VIOVDD = 1.8V,
VAVDD3 = 3.3V, TA = +25°C.)
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 13
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Data Valid Acknowledge Time
tVD:ACK fSCL range
Low
3.45
µs
Mid
0.9
High
0.45
Pulse Width of Spikes
Suppressed
tSP
fSCL range
Low
50
ns
Mid
50
High
50
Capacitive Load Each Bus Line
Cb
(Note 8)
100
pF
SWITCHING CHARACTERISTICS (Note 10)
Deserializer Delay
tSD
(Note 11) Figure 8
1388
1500
Bits
Reverse Control-Channel
Output Rise Time
tR
No forward channel data transmission,
Figure 2
180
400
ns
Reverse Control-Channel
Output Fall Time
tF
No forward channel data transmission,
Figure 2
180
400
ns
GPI-to-GPO Delay
tGPIO
Deserializer GPI to serializer GPO (cable
delay not included), Figure 9
350
µs
Lock Time
tLOCK
Figure 10 (Note 12)
4
ms
Power-Up Time
tPU
Figure 11
8.5
ms
I2S/TDM OUTPUT TIMING (Note 10)
WS Jitter
tjWS
tWS = 1/fWS,
(cycle-to-cycle),
rising-to-falling
edge or falling-to-
rising edge
fWS = 48kHz or
44.1kHz
1.2e-3
x tWS
1.5e-3
x tWS
ns
fWS = 96kHz
1.6e-3
x tWS
2e-3
x tWS
fWS = 192kHz
1.6e-3
x tWS
2e-3 x
tWS
SCK Jitter (2-Channel I2S)
tjSCK1
tSCK = 1/fSCK,
(cycle-to-cycle),
rising-to-rising
edge
nSCK = 16 bits,
fWS = 48kHz or
44.1kHz
13e-3
x tSCK
16e-3
x tSCK
ns
nSCK = 24 bits,
fWS = 96kHz
39e-3
x tSCK
48e-3
x tSCK
nSCK = 32 bits,
fWS = 192kHz
0.1 x
tSCK
0.13 x
tSCK
SCK Jitter (8-Channel TDM)
tjSCK2
tSCK = 1/fSCK,
(cycle-to-cycle),
rising-to-rising
edge
nSCK = 16 bits,
fWS = 48kHz or
44.1kHz
52e-3
x tSCK
64e-3
x tSCK
ns
nSCK = 24 bits,
fWS = 96kHz
156e-3
x tSCK
192e-3
x tSCK
nSCK = 32 bits,
fWS = 192kHz
0.4 x
tSCK
0.52 x
tSCK
AC Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com