Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 254 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 254 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 250Page - National Semiconductor (TI) SC1100 Datasheet HTML 251Page - National Semiconductor (TI) SC1100 Datasheet HTML 252Page - National Semiconductor (TI) SC1100 Datasheet HTML 253Page - National Semiconductor (TI) SC1100 Datasheet HTML 254Page - National Semiconductor (TI) SC1100 Datasheet HTML 255Page - National Semiconductor (TI) SC1100 Datasheet HTML 256Page - National Semiconductor (TI) SC1100 Datasheet HTML 257Page - National Semiconductor (TI) SC1100 Datasheet HTML 258Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 348 page
background image
www.national.com
254
Revision 1.1
Core Logic Module (Continued)
Table 5-42. USB_BAR+Memory Offset: USB Controller Registers
Bit
Description
Offset 00h-03h
HcRevision Register (RO)
Reset Value = 00000110h
31:8
Reserved. Read/Write 0s.
7:0
Revision (Read Only). Indicates the Open HCI Specification revision number implemented by the Hardware. USB sup-
ports 1.0 specification. (X.Y = XYh).
Offset 04h-07h
HcControl Register (R/W)
Reset Value = 00000000h
31:11
Reserved. Read/Write 0s.
10
RemoteWakeupConnectedEnable. If a remote wakeup signal is supported, this bit enables that operation. Since there is
no remote wakeup signal supported, this bit is ignored.
9
RemoteWakeupConnected (Read Only). This bit indicated whether the HC supports a remote wakeup signal. This imple-
mentation does not support any such signal. The bit is hard-coded to 0.
8
InterruptRouting. This bit is used for interrupt routing:
0: Interrupts routed to normal interrupt mechanism (INT).
1: Interrupts routed to SMI.
7:6
HostControllerFunctionalState. This field sets the HC state. The HC may force a state change from UsbSuspend to
UsbResume after detecting resume signaling from a downstream port. States are:
00: UsbReset.
01: UsbResume.
10: UsbOperational.
11: UsbSuspend.
5
BulkListEnable. When set, this bit enables processing of the Bulk list.
4
ControlListEnable. When set, this bit enables processing of the Control list.
3
IsochronousEnable. When clear, this bit disables the Isochronous List when the Periodic List is enabled (so Interrupt EDs
may be serviced). While processing the Periodic List, the HC will check this bit when it finds an isochronous ED.
2
PeriodicListEnable. When set, this bit enables processing of the Periodic (interrupt and isochronous) list. The HC checks
this bit prior to attempting any periodic transfers in a frame.
1:0
ControlBulkServiceRatio. Specifies the number of Control Endpoints serviced for every Bulk Endpoint. Encoding is N-1
where N is the number of Control Endpoints (i.e., 00: 1 Control Endpoint; 11: 3 Control Endpoints).
Offset 08h-0Bh
HcCommandStatus Register (R/W)
Reset Value = 00000000h
31:18
Reserved. Read/Write 0s.
17:16
ScheduleOverrunCount. This field increments every time the SchedulingOverrun bit in HcInterruptStatus is set. The
count wraps from 11 to 00.
15:4
Reserved. Read/Write 0s.
3
OwnershipChangeRequest. When set by software, this bit sets the OwnershipChange field in HcInterruptStatus. The bit
is cleared by software.
2
BulkListFilled. Set to indicate there is an active ED on the Bulk List. The bit may be set by either software or the HC and
cleared by the HC each time it begins processing the head of the Bulk List.
1
ControlListFilled. Set to indicate there is an active ED on the Control List. It may be set by either software or the HC and
cleared by the HC each time it begins processing the head of the Control List.
0
HostControllerReset. This bit is set to initiate a software reset. This bit is cleared by the HC upon completion of the reset
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com