Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 250 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 250 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 246Page - National Semiconductor (TI) SC1100 Datasheet HTML 247Page - National Semiconductor (TI) SC1100 Datasheet HTML 248Page - National Semiconductor (TI) SC1100 Datasheet HTML 249Page - National Semiconductor (TI) SC1100 Datasheet HTML 250Page - National Semiconductor (TI) SC1100 Datasheet HTML 251Page - National Semiconductor (TI) SC1100 Datasheet HTML 252Page - National Semiconductor (TI) SC1100 Datasheet HTML 253Page - National Semiconductor (TI) SC1100 Datasheet HTML 254Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 348 page
background image
www.national.com
250
Revision 1.1
Core Logic Module (Continued)
5.4.5.1
X-Bus Expansion Support Registers
F5 Index 10h, Base Address Register 0 (F5BAR0) sets the
base address that allows PCI access to additional I/O Con-
trol Support registers. Table 5-40 shows the support regis-
ters accessed through F5BAR0.
Table 5-40. F5BAR0+I/O Offset: X-Bus Expansion Registers
Offset 00h-03h
I/O Control Register 1 (RW)
Reset Value: 010C0007h
31:28
Reserved.
27
IO_ENABLE_SIO_IR (Enable Integrated SIO Infrared).
0: Disable.
1: Enable.
26:25
IO_SIOCFG_IN (Integrated SIO Input Configuration). These two bits can be used to disable the integrated SIO totally or
limit/control the base address.
00: Integrated SIO disable.
01: Integrated SIO configuration access disable.
10: Integrated SIO base address 02Eh/02Fh enable.
11: Integrated SIO base address 015Ch/015Dh enable.
24
IO_ENABLE_SIO_DRIVING_ISA_BUS (Enable Integrated SIO ISA Bus Control). Allow the integrated SIO to drive the
internal ISA bus.
0: Disable.
1: Enable. (Default)
23:21
Reserved. Set to 0.
20
IO_USB_SMI_PWM_EN (USB SMI Configuration). Route USB-generated SMI to SMI Status Register in F1BAR0+I/O Off-
set 00h/02h[14].
0: Disable.
1: Enable.
19
IO_USB_SMI_EN (USB SMI Configuration). Allow USB-generated SMIs.
0: Disable.
1: Enable.
If bits 10 and 20 are enabled, the SMI generated by the USB is reported via the Top Level SMI status register at
F1BAR0+I/O Offset 00h/02h[14].
If only bit 19 is enabled, the USB can generate an SMI but there is no status reporting.
18
IO_USB_PCI_EN (USB). Enables USB ports.
0: Disable.
1: Enable.
17:0
Reserved.
Offset 04h-07h
I/O Control Register 2 (R/W)
Reset Value: 00000002h
31:2
Reserved. Write as read.
1
Reserved. Must be set to 0.
Note:
0
IO_STRAP_IDSEL_SELECT (IDSEL Strap Override).
0: IDSEL: AD28 for Chipset Register Space (F0-F3, F5), AD29 for USB Register Space (PCIUSB).
1: IDSEL: AD26 for Chipset Register Space (F0-F3, F5), AD27 for USB Register Space (PCIUSB).
Offset 08h-0Bh
I/O Control Register 3 (R/W)
Reset Value 00009000h
31:16
Reserved. Write as read.
15:13
IO_USB_XCVR_VADJ (USB Voltage Adjustment Connection). These bits connect to the voltage adjustment interface on
the three USB transceivers. Default = 100.
12:8
IO_USB_XCVT_CADJ (USB Current Adjustment). These bits connect to the current adjustment interface on the three
USB transceivers. Default = 10000.
7
IO_TEST_PORT_EN (Debug Test Port Enable).
0: Disable.
1: Enable.
6:0
IO_TEST_PORT_REG (Debug Port Pointer). These bits are used to point to the 16-bit slice of the test port bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com