Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 249 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 249 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 245Page - National Semiconductor (TI) SC1100 Datasheet HTML 246Page - National Semiconductor (TI) SC1100 Datasheet HTML 247Page - National Semiconductor (TI) SC1100 Datasheet HTML 248Page - National Semiconductor (TI) SC1100 Datasheet HTML 249Page - National Semiconductor (TI) SC1100 Datasheet HTML 250Page - National Semiconductor (TI) SC1100 Datasheet HTML 251Page - National Semiconductor (TI) SC1100 Datasheet HTML 252Page - National Semiconductor (TI) SC1100 Datasheet HTML 253Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 348 page
background image
Revision 1.1
249
www.national.com
Core Logic Module (Continued)
Index 58h
F5BARx Initialized Register (R/W)
Reset Value: 00h
7:6
Reserved. Must be set to 0.
5
F5BAR5 Initialized. This bit indicates if F5BAR5 (F5 Index 24h) has been initialized.
At reset this bit is cleared (0). Writing F5BAR5 sets this bit to 1. If this bit is programmed to 0, the decoding of F5BAR5 is
disabled until either this bit is set to 1 or F5BAR5 is written (which causes this bit to be set to 1).
4
F5BAR4 Initialized. This bit indicates if F5BAR4 (F5 Index 28h) has been initialized.
At reset this bit is cleared (0). Writing F5BAR4 sets this bit to 1. If this bit is programmed to 0, the decoding of F5BAR4 is
disabled until either this bit is set to 1 or F5BAR4 is written (which causes this bit to be set to 1).
3
F5BAR3 Initialized. This bit indicates if F5BAR3 (F5 Index 1Ch) has been initialized.
At reset this bit is cleared (0). Writing F5BAR3 sets this bit to 1. If this bit is programmed to 0, the decoding of F5BAR3 is
disabled until either this bit is set to 1 or F5BAR3 is written (which causes this bit to be set to 1).
2
F5BAR2 Initialized. This bit indicates if F5BAR2 (F5 Index 18h) has been initialized.
At reset this bit is cleared (0). Writing F5BAR2 sets this bit to 1. If this bit is programmed to 0, the decoding of F5BAR2 is
disabled until either this bit is set to 1 or F5BAR2 is written (which causes this bit to be set to 1).
1
F5BAR1 Initialized. This bit indicates if F5BAR1 (F5 Index 14h) has been initialized.
At reset this bit is cleared (0). Writing F5BAR1 sets this bit to 1. If this bit is programmed to 0, the decoding of F5BAR1 is
disabled until either this bit is set to 1 or F5BAR1 is written (which causes this bit to be set to 1).
0
F5BAR0 Initialized. This bit indicates if F5BAR0 (F5 Index 10h) has been initialized.
At reset this bit is cleared (0). Writing F5BAR0 sets this bit to 1. If this bit is programmed to 0, the decoding of F5BAR0 is
disabled until either this bit is set to 1 or F5BAR0 is written (which causes this bit to be set to 1).
Index 59h
F5BARx Directed to Sub-ISA (R/W)
Reset: 00h
7:6
Reserved. Must be set to 0.
5
F5BAR5 Directed to Sub-ISA. Enables F5BAR5CS# to Sub-ISA.
0: F5BAR5 address range is not directed to Sub-ISA.
1: F5BAR5 address range is directed to Sub-ISA.
4
F5BAR4 Directed to Sub-ISA. Enables F5BAR4CS# to Sub-ISA.
0: F5BAR4 address range is not directed to Sub-ISA.
1: F5BAR4 address range is directed to Sub-ISA.
3
Reserved. Must be set to 0.
2
Reserved. Must be set to 0.
1
Reserved. Must be set to 0.
0
Reserved. Must be set to 0.
Index 5Ah-5Fh
Reserved
Reset Value: xxh
Index 60h-63h
Scratchpad: Usually used for Device Number (R/W)
Reset Value: 00000000h
BIOS writes a value, of the Device number. Expected value: 00001100h.
Index 64h-67h
Scratchpad: Usually used for Configuration Block Address (R/W)
Reset Value: 00000000h
BIOS writes a value, of the Configuration Block Address.
Index 68h-FFh
Reserved
Table 5-39. F5: PCI Header Registers for X-Bus Expansion (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com