Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 248 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 248 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 244Page - National Semiconductor (TI) SC1100 Datasheet HTML 245Page - National Semiconductor (TI) SC1100 Datasheet HTML 246Page - National Semiconductor (TI) SC1100 Datasheet HTML 247Page - National Semiconductor (TI) SC1100 Datasheet HTML 248Page - National Semiconductor (TI) SC1100 Datasheet HTML 249Page - National Semiconductor (TI) SC1100 Datasheet HTML 250Page - National Semiconductor (TI) SC1100 Datasheet HTML 251Page - National Semiconductor (TI) SC1100 Datasheet HTML 252Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 348 page
background image
www.national.com
248
Revision 1.1
Core Logic Module (Continued)
I/O Base Address Register (Bit 0 = 1)
31:2
Address Mask. Determines the size of the BAR.
— Every bit that is a 1 is programmable in the BAR.
— Every bit that is a 0 is fixed 0 in the BAR.
Since the address mask goes down to bit 2, the smallest I/O region is 4 bytes, however, the PCI Specification suggests not
using less than a 4 KB address range.
1
Reserved. Must be set to 0.
0
This bit must be set to 1, to indicate an I/O base address register.
Index 44h-47h
F5BAR1 Mask Address Register (R/W)
Reset Value: 00000000h
To use F5BAR1, the mask register should be programmed first. The mask register defines the size of F5BAR1 and whether the
accessed offset registers are memory or I/O mapped. See F5 Index 40h (F5BAR0 Mask Address Register) above for bit descriptions.
Note:
Whenever a value is written to this mask register, F5BAR1 must also be written (even if the value for F5BAR1 has not
changed).
Index 48h-4Bh
F5BAR2 Mask Address Register (R/W)
Reset Value: 00000000h
To use F5BAR2, the mask register should be programmed first. The mask register defines the size of F5BAR2 and whether the
accessed offset registers are memory or I/O mapped. See F5 Index 40h (F5BAR0 Mask Address Register) above for bit descriptions.
Note:
Whenever a value is written to this mask register, F5BAR2 must also be written (even if the value for F5BAR2 has not
changed).
Index 4Ch-4Fh
F5BAR3 Mask Address Register (R/W)
Reset Value: 00000000h
To use F5BAR3, the mask register should be programmed first. The mask register defines the size of F5BAR3 and whether the
accessed offset registers are memory or I/O mapped. See F5 Index 40h (F5BAR0 Mask Address Register) above for bit descriptions.
Note:
Whenever a value is written to this mask register, F5BAR3 must also be written (even if the value for F5BAR3 has not
changed).
Index 50h-53h
F5BAR4 Mask Address Register (R/W)
Reset Value: 00000000h
To use F5BAR4, the mask register should be programmed first. The mask register defines the size of F5BAR4 and whether the
accessed offset registers are memory or I/O mapped. See F5 Index 40h (F5BAR0 Mask Address Register) above for bit descriptions.
Note:
Whenever a value is written to this mask register, F5BAR4 must also be written (even if the value for F5BAR4 has not
changed).
31:4
Address Mask. Bits [31:24] must be set to FFh. Other bits should be set according to the specific system configuration.
3
Prefetchable. Should be set according to the specific system configuration.
2:1
Type. Should be set according to the specific system configuration.
0
Memory Space Indicator. Must be set to 0.
Index 54h-57h
F5BAR5 Mask Address Register (R/W)
Reset Value: 00000000h
To use F5BAR5, the mask register should be programmed first. The mask register defines the size of F5BAR5 and whether the
accessed offset registers are memory or I/O mapped. See F5 Index 40h (F5BAR0 Mask Address Register) above for bit descriptions.
Note:
Whenever a value is written to this mask register, F5BAR5 must also be written (even if the value for F5BAR5 has not
changed).
31:4
Address Mask. Bits [31:24] must be set to FFh. Other bits should be set according to the specific system configuration.
3
Prefetchable. Should be set according to the specific system configuration.
2:1
Type. Should be set according to the specific system configuration.
0
Memory Space Indicator. Must be set to 0.
Table 5-39. F5: PCI Header Registers for X-Bus Expansion (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com