Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 246 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 246 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 242Page - National Semiconductor (TI) SC1100 Datasheet HTML 243Page - National Semiconductor (TI) SC1100 Datasheet HTML 244Page - National Semiconductor (TI) SC1100 Datasheet HTML 245Page - National Semiconductor (TI) SC1100 Datasheet HTML 246Page - National Semiconductor (TI) SC1100 Datasheet HTML 247Page - National Semiconductor (TI) SC1100 Datasheet HTML 248Page - National Semiconductor (TI) SC1100 Datasheet HTML 249Page - National Semiconductor (TI) SC1100 Datasheet HTML 250Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 348 page
background image
www.national.com
246
Revision 1.1
Core Logic Module (Continued)
5.4.5
X-Bus Expansion Interface - Function 5
The register space designated as Function 5 (F5) is used
to configure the PCI portion of support hardware for
accessing the X-Bus Expansion support registers. The bit
formats for the PCI Header Registers are given in Table 5-
39.
Located in the PCI Header Registers of F5 are six Base
Address Registers (F5BARx) used for pointing to the regis-
ter spaces designated for X-Bus Expansion support,
described later in this section.
Table 5-39. F5: PCI Header Registers for X-Bus Expansion
Bit
Description
Index 00h-01h
Vendor Identification Register (RO)
Reset Value: 100Bh
Index 02h-03h
Device Identification Register (RO)
Reset Value: 0515h
Index 04h-05h
PCI Command Register (R/W)
Reset Value: 0000h
15:2
Reserved. (Read Only)
1
Memory Space. Allow the Core Logic module to respond to memory cycles from the PCI bus.
0: Disable.
1: Enable.
If F5BAR0, F5BAR1, F5BAR2, F5BAR3, F5BAR4, and F5BAR5 (F5 Index 10h, 14h, 18h, 1Ch, 20h, and 24h) are defined as
allowing access to memory mapped registers, this bit must be set to 1. BAR configuration is programmed through the corre-
sponding mask register (see F5 Index 40h, 44h, 48h, 4Ch, 50h, and 54h)
0
I/O Space. Allow the Core Logic module to respond to I/O cycle from the PCI bus.
0: Disable.
1: Enable.
If F5BAR0, F5BAR1, F5BAR2, F5BAR3, F5BAR4, and F5BAR5 (F5 Index 10h, 14h, 18h, 1Ch, 20h, and 24h) are defined as
allowing access to I/O mapped registers, this bit must be set to 1. BAR configuration is programmed through the corre-
sponding mask register (see F5 Index 40h, 44h, 48h, 4Ch, 50h, and 54h)
Index 06h-07h
PCI Status Register (RO)
Reset Value: 0280h
Index 08h
Device Revision ID Register (RO)
Reset Value: 00h
Index 09h-0Bh
PCI Class Code Register (RO)
Reset Value: 068000h
Index 0Ch
PCI Cache Line Size Register (RO)
Reset Value: 00h
Index 0Dh
PCI Latency Timer Register (RO)
Reset Value: 00h
Index 0Eh
PCI Header Type (RO)
Reset Value: 00h
Index 0Fh
PCI BIST Register (RO)
Reset Value: 00h
Index 10h-13h
Base Address Register 0 - F5BAR0 (R/W)
Reset Value: 00000000h
X-Bus Expansion Address Space. This register allows PCI access to I/O mapped X-Bus Expansion support registers. Bits [5:0] must
be set to 000001, indicating a 64-byte aligned I/O address space. Refer to Table 5-40 on page 250 for the X-Bus Expansion configura-
tion register bit formats and reset values.
Note:
The size and type of accessed offsets can be reprogrammed through F5BAR0 Mask Register (F5 Index 40h).
31:6
X-Bus Expansion Base Address.
5:0
Address Range. This bit field must be set to 000001 for this register to operate correctly.
Index 14h-17h
Base Address Register 1 - F5BAR1 (R/W)
Reset Value: 00000000h
Reserved. Reserved for possible future use by the Core Logic module.
Configuration of this register is programmed through the F5BAR1 Mask Register (F5 Index 44h)
Index 18h-1Bh
Base Address Register 2 - F5BAR2 (R/W)
Reset Value: 00000000h
Reserved. Reserved for possible future use by the Core Logic module.
Configuration of this register is programmed through the F5BAR1 Mask Register (F5 Index 48h)
Index 1Ch-1Fh
Base Address Register 3 - F5BAR3 (R/W)
Reset Value: 00000000h
Reserved. Reserved for possible future use by the Core Logic module.
Configuration of this register is programmed through the F5BAR3 Mask Register (F5 Index 4Ch).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com