Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 258 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 258 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 254Page - National Semiconductor (TI) SC1100 Datasheet HTML 255Page - National Semiconductor (TI) SC1100 Datasheet HTML 256Page - National Semiconductor (TI) SC1100 Datasheet HTML 257Page - National Semiconductor (TI) SC1100 Datasheet HTML 258Page - National Semiconductor (TI) SC1100 Datasheet HTML 259Page - National Semiconductor (TI) SC1100 Datasheet HTML 260Page - National Semiconductor (TI) SC1100 Datasheet HTML 261Page - National Semiconductor (TI) SC1100 Datasheet HTML 262Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 348 page
background image
www.national.com
258
Revision 1.1
Core Logic Module (Continued)
Offset 48h-4Bh
HcRhDescriptorA Register (R/W)
Reset Value = 01000002h
31:24
PowerOnToPowerGoodTime. This field value is represented as the number of 2 ms intervals, ensuring that the power
switching is effective within 2 ms. Only bits [25:24] are implemented as R/W. The remaining bits are read only as 0. It is not
expected that these bits be written to anything other than 1h, but limited adjustment is provided. This field should be written
to support system implementation. This field should always be written to a non-zero value.
23:13
Reserved. Read/Write 0s.
12
NoOverCurrentProtection. This bit should be written to support the external system port over-current implementation.
0: Over-current status is reported.
1: Over-current status is not reported.
11
OverCurrentProtectionMode. This bit should be written 0 and is only valid when NoOverCurrentProtection is cleared.
0: Global Over-Current.
1: Individual Over-Current.
10
DeviceType (Read Only). USB is not a compound device.
9
NoPowerSwitching. This bit should be written to support the external system port power switching implementation.
0: Ports are power switched.
1: Ports are always powered on.
8
PowerSwitchingMode. This bit is only valid when NoPowerSwitching is cleared. This bit should be written 0.
0: Global Switching.
1: Individual Switching.
7:0
NumberDownstreamPorts (Read Only). USB supports three downstream ports.
Note:
This register is only reset by a power-on reset (PCIRST#). It is written during system initialization to configure the Root Hub.
These bit should not be written during normal operation.
Offset 4Ch-4Fh
HcRhDescriptorB Register (R/W)
Reset Value = 00000000h
31:16
PortPowerControlMask. Global-power switching. This field is only valid if NoPowerSwitching is cleared and Power-
SwitchingMode is set (individual port switching). When set, the port only responds to individual port power switching com-
mands (Set/ClearPortPower). When cleared, the port only responds to global power switching commands
(Set/ClearGlobalPower).
0: Device not removable.
1: Global-power mask.
Port Bit relationship - Unimplemented ports are reserved, read/write 0.
0 = Reserved
1 = Port 1
2 = Port 2
...
15 = Port 15
15:0
DeviceRemoveable. USB ports default to removable devices.
0: Device not removable.
1: Device removable.
Port Bit relationship
0 = Reserved
1 = Port 1
2 = Port 2
...
15 = Port 15
Unimplemented ports are reserved, read/write 0.
Note:
This register is only reset by a power-on reset (PCIRST#). It is written during system initialization to configure the Root Hub.
These bit should not be written during normal operation.
Table 5-42. USB_BAR+Memory Offset: USB Controller Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com