Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 261 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 261 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 257Page - National Semiconductor (TI) SC1100 Datasheet HTML 258Page - National Semiconductor (TI) SC1100 Datasheet HTML 259Page - National Semiconductor (TI) SC1100 Datasheet HTML 260Page - National Semiconductor (TI) SC1100 Datasheet HTML 261Page - National Semiconductor (TI) SC1100 Datasheet HTML 262Page - National Semiconductor (TI) SC1100 Datasheet HTML 263Page - National Semiconductor (TI) SC1100 Datasheet HTML 264Page - National Semiconductor (TI) SC1100 Datasheet HTML 265Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 348 page
background image
Revision 1.1
261
www.national.com
Core Logic Module (Continued)
16
ConnectStatusChange. This bit indicates a connect or disconnect event has been detected. Writing a 1 clears this bit.
Writing a 0 has no effect.
0: No connect/disconnect event.
1: Hardware detection of connect/disconnect event.
If DeviceRemoveable is set, this bit resets to 1.
15:10
Reserved. Read/Write 0s.
9
Read: LowSpeedDeviceAttached. This bit defines the speed (and bud idle) of the attached device. It is only valid when
CurrentConnectStatus is set.
0: Full speed device.
1: Low speed device.
Write: ClearPortPower. Writing a 1 clears PortPowerStatus. Writing a 0 has no effect.
8
Read: PortPowerStatus. This bit reflects the power state of the port regardless of the power switching mode.
0: Port power is off.
1: Port power is on.
If NoPowerSwitching is set, this bit is always read as 1.
Write: SetPortPower. Writing a 1 sets PortPowerStatus. Writing a 0 has no effect.
7:5
Reserved. Read/Write 0s.
4
Read: PortResetStatus.
0: Port reset signal is not active.
1: Port reset signal is active.
Write: SetPortReset. Writing a 1 sets PortResetStatus. Writing a 0 has no effect.
3
Read: PortOverCurrentIndicator. This bit reflects the state of the OVRCUR pin dedicated to this port. This field is only
valid if NoOverCurrentProtection is cleared and OverCurrentProtectionMode is set.
0: No over-current condition.
1: Over-current condition.
Write: ClearPortSuspend. Writing a 1 initiates the selective resume sequence for the port. Writing a 0 has no effect.
2
Read: PortSuspendStatus.
0: Port is not suspended.
1: Port is selectively suspended.
Write: SetPortSuspend. Writing a 1 sets PortSuspendStatus. Writing a 0 has no effect.
1
Read: PortEnableStatus.
0: Port disabled.
1: Port enabled.
Write: SetPortEnable. Writing a 1 sets PortEnableStatus. Writing a 0 has no effect.
0
Read: CurrentConnectStatus.
0: No device connected.
1: Device connected.
If DeviceRemoveable is set (not removable) this bit is always 1.
Write: ClearPortEnable. Writing 1 a clears PortEnableStatus. Writing a 0 has no effect.
Note:
This register is reset by the UsbReset state.
Table 5-42. USB_BAR+Memory Offset: USB Controller Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com