Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 264 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 264 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 260Page - National Semiconductor (TI) SC1100 Datasheet HTML 261Page - National Semiconductor (TI) SC1100 Datasheet HTML 262Page - National Semiconductor (TI) SC1100 Datasheet HTML 263Page - National Semiconductor (TI) SC1100 Datasheet HTML 264Page - National Semiconductor (TI) SC1100 Datasheet HTML 265Page - National Semiconductor (TI) SC1100 Datasheet HTML 266Page - National Semiconductor (TI) SC1100 Datasheet HTML 267Page - National Semiconductor (TI) SC1100 Datasheet HTML 268Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 348 page
background image
www.national.com
264
Revision 1.1
Core Logic Module (Continued)
Offset 10Ch-10Fh
HceStatus Register (R/W)
Reset Value = 00000000h
31:8
Reserved. Read/Write 0s.
7
Parity. Indicates parity error on keyboard/mouse data.
6
Timeout. Used to indicate a time-out
5
AuxOutputFull. IRQ12 is asserted whenever this bit is set to 1 and OutputFull is set to 1 and the IRQEn bit is set.
4
Inhibit Switch. This bit reflects the state of the keyboard inhibit switch and is set if the keyboard is NOT inhibited.
3
CmdData. The HC will set this bit to 0 on an I/O write to port 60h and on an I/O write to port 64h the HC will set this bit to 1.
2
Flag. Nominally used as a system flag by software to indicate a warm or cold boot.
1
InputFull. Except for the case of a Gate A20 sequence, this bit is set to 1 on an I/O write to address 60h or 64h. While this
bit is set to 1 and emulation is enabled, an emulation interrupt condition exists.
0
OutputFull. The HC will set this bit to 0 on a read of I/O port 60h. If IRQEn is set and AuxOutputFull is set to 0 then an
IRQ1 is generated as long as this bit is set to 1. If IRQEn is set and AuxOutputFull is set to 1 then and IRQ12 will be gen-
erated a long as this bit is set to 1. While this bit is 0 and CharacterPending in HceControl is set to 1, an emulation interrupt
condition exists.
Note:
This register is the emulation side of the legacy Status register.
Table 5-42. USB_BAR+Memory Offset: USB Controller Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com