Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 267 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 267 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 263Page - National Semiconductor (TI) SC1100 Datasheet HTML 264Page - National Semiconductor (TI) SC1100 Datasheet HTML 265Page - National Semiconductor (TI) SC1100 Datasheet HTML 266Page - National Semiconductor (TI) SC1100 Datasheet HTML 267Page - National Semiconductor (TI) SC1100 Datasheet HTML 268Page - National Semiconductor (TI) SC1100 Datasheet HTML 269Page - National Semiconductor (TI) SC1100 Datasheet HTML 270Page - National Semiconductor (TI) SC1100 Datasheet HTML 271Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 348 page
background image
Revision 1.1
267
www.national.com
Core Logic Module (Continued)
I/O Port 00Ah
DMA Channel Mask Register, Channels 3:0 (WO)
7:3
Reserved. Must be set to 0.
2
Channel Mask.
0: Not masked.
1: Masked.
1:0
Channel Number Mask Select.
00: Channel 0.
01: Channel 1.
10: Channel 2.
11: Channel 3.
I/O Port 00Bh
DMA Channel Mode Register, Channels 3:0 (WO)
7:6
Transfer Mode.
00: Demand.
01: Single.
10: Block.
11: Cascade.
5
Address Direction.
0: Increment.
1: Decrement.
4
Auto-initialize.
0: Disable.
1: Enable.
3:2
Transfer Type.
00: Verify.
01: Memory read.
10: Memory write.
11: Reserved.
1:0
Channel Number Mode Select.
00: Channel 0.
01: Channel 1.
10: Channel 2.
11: Channel 3.
I/O Port 00Ch
DMA Clear Byte Pointer Command, Channels 3:0 (W)
I/O Port 00Dh
DMA Master Clear Command, Channels 3:0 (W)
I/O Port 00Eh
DMA Clear Mask Register Command, Channels 3:0 (W)
I/O Port 00Fh
DMA Write Mask Register Command, Channels 3:0 (W)
I/O Port 0C0h
DMA Channel 4 Address Register (R/W)
Not used.
I/O Port 0C2h
DMA Channel 4 Transfer Count Register (R/W)
Not used.
I/O Port 0C4h
DMA Channel 5 Address Register (R/W)
Memory address bytes 1 and 0.
I/O Port 0C6h
DMA Channel 5 Transfer Count Register (R/W)
Transfer count bytes 1 and 0.
I/O Port 0C8h
DMA Channel 6 Address Register (R/W)
Memory address bytes 1 and 0.
Table 5-43. DMA Channel Control Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com