Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 270 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 270 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 266Page - National Semiconductor (TI) SC1100 Datasheet HTML 267Page - National Semiconductor (TI) SC1100 Datasheet HTML 268Page - National Semiconductor (TI) SC1100 Datasheet HTML 269Page - National Semiconductor (TI) SC1100 Datasheet HTML 270Page - National Semiconductor (TI) SC1100 Datasheet HTML 271Page - National Semiconductor (TI) SC1100 Datasheet HTML 272Page - National Semiconductor (TI) SC1100 Datasheet HTML 273Page - National Semiconductor (TI) SC1100 Datasheet HTML 274Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 348 page
background image
www.national.com
270
Revision 1.1
Core Logic Module (Continued)
Table 5-44. DMA Page Registers
Bit
Description
I/O Port 081h
DMA Channel 2 Low Page Register (R/W)
Address bits [23:16] (byte 2).
I/O Port 082h
DMA Channel 3 Low Page Register (R/W)
Address bits [23:16] (byte 2).
I/O Port 083h
DMA Channel 1 Low Page Register (R/W)
Address bits [23:16] (byte 2).
I/O Port 087h
DMA Channel 0 Low Page Register (R/W)
Address bits [23:16] (byte 2).
I/O Port 089h
DMA Channel 6 Low Page Register (R/W)
Address bits [23:16] (byte 2).
I/O Port 08Ah
DMA Channel 7 Low Page Register (R/W)
Address bits [23:16] (byte 2).
I/O Port 08Bh
DMA Channel 5 Low Page Register (R/W)
Address bits [23:16] (byte 2).
I/O Port 08Fh
ISA Refresh Low Page Register (R/W)
Refresh address.
I/O Port 481h
DMA Channel 2 High Page Register (R/W)
Address bits [31:24] (byte 3).
Note:
This register is reset to 00h on any access to Port 081h.
I/O Port 482h
DMA Channel 3 High Page Register (R/W)
Address bits [31:24] (byte 3).
Note:
This register is reset to 00h on any access to Port 082h.
I/O Port 483h
DMA Channel 1 High Page Register (R/W)
Address bits [31:24] (byte 3).
Note:
This register is reset to 00h on any access to Port 083h.
I/O Port 487h
DMA Channel 0 High Page Register (R/W)
Address bits [31:24] (byte 3).
Note:
This register is reset to 00h on any access to Port 087h.
I/O Port 489h
DMA Channel 6 High Page Register (R/W)
Address bits [31:24] (byte 3).
Note:
This register is reset to 00h on any access to Port 089h.
I/O Port 48Ah
DMA Channel 7 High Page Register (R/W)
Address bits [31:24] (byte 3).
Note:
This register is reset to 00h on any access to Port 08Ah.
I/O Port 48Bh
DMA Channel 5 High Page Register (R/W)
Address bits [31:24] (byte 3).
Note:
This register is reset to 00h on any access to Port 08Bh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com