Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 274 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 274 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 270Page - National Semiconductor (TI) SC1100 Datasheet HTML 271Page - National Semiconductor (TI) SC1100 Datasheet HTML 272Page - National Semiconductor (TI) SC1100 Datasheet HTML 273Page - National Semiconductor (TI) SC1100 Datasheet HTML 274Page - National Semiconductor (TI) SC1100 Datasheet HTML 275Page - National Semiconductor (TI) SC1100 Datasheet HTML 276Page - National Semiconductor (TI) SC1100 Datasheet HTML 277Page - National Semiconductor (TI) SC1100 Datasheet HTML 278Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 348 page
background image
www.national.com
274
Revision 1.1
Core Logic Module (Continued)
2
IRQ2 / IRQ10 Mask.
0: Not Masked.
1: Mask.
1
IRQ1 / IRQ9 Mask.
0: Not Masked.
1: Mask.
0
IRQ0 / IRQ8# Mask.
0: Not Masked.
1: Mask.
I/O Port 020h / 0A0h
Master / Slave PIC OCW2 (WO)
7:5
Rotate/EOI Codes.
000: Clear rotate in Auto EOI mode
100: Set rotate in Auto EOI mode
001: Non-specific EOI
101: Rotate on non-specific EOI command
010: No operation
110: Set priority command (bits [2:0] must be valid)
011: Specific EOI (bits [2:0] must be valid)
111: Rotate on specific EOI command
4:3
Reserved. Must be set to 0.
2:0
IRQ Number (000-111).
I/O Port 020h / 0A0h
Master / Slave PIC OCW3 (WO)
7
Reserved. Must be set to 0.
6:5
Special Mask Mode.
00: No operation.
01: No operation.
10: Reset Special Mask Mode.
11: Set Special Mask Mode.
4
Reserved. Must be set to 0.
3
Reserved. Must be set to 1.
2
Poll Command.
0:
Disable.
1:
Enable.
1:0
Register Read Mode.
00: No operation.
01: No operation.
10: Read interrupt request register on next read of Port 20h.
11: Read interrupt service register on next read of Port 20h.
I/O Port 020h / 0A0h
Master / Slave PIC Interrupt Request and Service Registers
for OCW3 Commands (RO)
The function of this register is set with bits [1:0] in a write to 020h.
Interrupt Request Register
7
IRQ7 / IRQ15 Pending.
0: Yes.
1: No.
6
IRQ6 / IRQ14 Pending.
0: Yes.
1: No.
5
IRQ5 / IRQ13 Pending.
0: Yes.
1: No.
Table 5-46. Programmable Interrupt Controller Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com