Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 278 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 278 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 274Page - National Semiconductor (TI) SC1100 Datasheet HTML 275Page - National Semiconductor (TI) SC1100 Datasheet HTML 276Page - National Semiconductor (TI) SC1100 Datasheet HTML 277Page - National Semiconductor (TI) SC1100 Datasheet HTML 278Page - National Semiconductor (TI) SC1100 Datasheet HTML 279Page - National Semiconductor (TI) SC1100 Datasheet HTML 280Page - National Semiconductor (TI) SC1100 Datasheet HTML 281Page - National Semiconductor (TI) SC1100 Datasheet HTML 282Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 348 page
background image
www.national.com
278
Revision 1.1
Core Logic Module (Continued)
3
IRQ3 Edge or Level Sensitive Select. Selects PIC IRQ3 sensitivity configuration.
0: Edge.
1: Level.
2:0
Reserved. Must be set to 0.
I/O Port 4D1h
Interrupt Edge/Level Select Register 2 (R/W)
Reset Value: 00h
Notes:
1.
If ICW1 - bit 3 in the PIC is set as level, it overrides the setting for bits 7:6 and 4:1 in this register.
2.
Bits [7:6] and [4:1] in this register are used to configure a PCI interrupt mapped to IRQ[x] on the PIC as level-sensitive
(shared).
7
IRQ15 Edge or Level Sensitive Select. Selects PIC IRQ15 sensitivity configuration.
0: Edge.
1: Level.
6
IRQ14 Edge or Level Sensitive Select. Selects PIC IRQ14 sensitivity configuration.
0: Edge.
1: Level.
5
Reserved. Must be set to 0.
4
IRQ12 Edge or Level Sensitive Select. Selects PIC IRQ12 sensitivity configuration.
0: Edge.
1: Level.
3
IRQ11 Edge or Level Sensitive Select. Selects PIC IRQ11 sensitivity configuration.
0: Edge.
1: Level.
2
IRQ10 Edge or Level Sensitive Select. Selects PIC IRQ10 sensitivity configuration.
0: Edge.
1: Level.
1
IRQ9 Edge or Level Sensitive Select. Selects PIC IRQ9 sensitivity configuration.
0: Edge.
1: Level.
0
Reserved. Must be set to 0.
Table 5-49. Miscellaneous Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com