Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 280 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 280 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 276Page - National Semiconductor (TI) SC1100 Datasheet HTML 277Page - National Semiconductor (TI) SC1100 Datasheet HTML 278Page - National Semiconductor (TI) SC1100 Datasheet HTML 279Page - National Semiconductor (TI) SC1100 Datasheet HTML 280Page - National Semiconductor (TI) SC1100 Datasheet HTML 281Page - National Semiconductor (TI) SC1100 Datasheet HTML 282Page - National Semiconductor (TI) SC1100 Datasheet HTML 283Page - National Semiconductor (TI) SC1100 Datasheet HTML 284Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 348 page
background image
www.national.com
280
Revision 1.1
7.0
Electrical Specifications
This chapter provides information about:
• General electrical specifications
• DC characteristics
• AC characteristics
All voltage values in this chapter are with respect to VSS
unless otherwise noted.
7.1
GENERAL SPECIFICATIONS
7.1.1
Power/Ground Connections and Decoupling
When designing in the SC1100, use standard high fre-
quency design techniques to reduce parasitic effects. For
example:
• Filter the DC power leads with low-inductance decou-
pling capacitors.
• Use low-impedance traces.
National Semiconductor’s application note “Geode SC1100
Information Appliance On A Chip: Layout Recommenda-
tions” provides detailed guidelines for producing optimal
PCB layouts.
7.1.2
Absolute Maximum Ratings
Stresses beyond those indicated in the following table may
cause permanent damage to the SC1100, reduce device
reliability and result in premature failure, even when there
is no immediately apparent sign of failure. Prolonged expo-
sure to conditions at or near the absolute maximum ratings
may also result in reduced device life span and reduced
reliability.
Note:
The values in the following table are stress ratings
only. They do not imply that operation under other
conditions is impossible.
Table 7-1. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Comments
TCASE
Operating case temperature1
-10
110
oC
TSTORAGE
Storage temperature2
-45
125
oC
VCC
Supply voltage
See Table
7-2
V
VMAX
Voltage on
5V tolerant balls
-0.5
6.0
V
Others3 4
-0.5
4.2
V
IIK
Input clamp current1
-0.5
10
mA
IOK
1
Output clamp current
25
mA
1.
Power applied - no clocks.
2.
No bias.
3.
Voltage min is -0.8V with a transient voltage of 20 ns or less.
4.
Voltage max is 4.0V with a transient voltage of 20 ns or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com