Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 283 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 283 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 279Page - National Semiconductor (TI) SC1100 Datasheet HTML 280Page - National Semiconductor (TI) SC1100 Datasheet HTML 281Page - National Semiconductor (TI) SC1100 Datasheet HTML 282Page - National Semiconductor (TI) SC1100 Datasheet HTML 283Page - National Semiconductor (TI) SC1100 Datasheet HTML 284Page - National Semiconductor (TI) SC1100 Datasheet HTML 285Page - National Semiconductor (TI) SC1100 Datasheet HTML 286Page - National Semiconductor (TI) SC1100 Datasheet HTML 287Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 348 page
background image
Revision 1.1
283
www.national.com
Electrical Specifications (Continued)
7.1.4.3
Current Consumption
The following table contains PRELIMINARY information that is SUBJECT TO CHANGE.
Table 7-4. Current Consumption
Symbol
Parameter
Min
Typ1
1.
Typical conditions: Nominal power supply, and TA = 25oC.
Max
Unit
Conditions
ICC0
VCORE power supply current, C0 power state - Full speed
2
2.
Throttling current depends on% performance and therefore cannot be specified.
233 MHz
820
1100
mA
266 MHz
940
1260
mA
300 MHz
TBD
TBD
mA
ICC1
VCORE power supply current, C1 power state
233 MHz
360
450
mA
266 MHz
380
475
mA
300 MHz
TBD
TBD
mA
ICC3
VCORE power supply current, C3 power state
233 MHz
TBD
TBD
mA
266 MHz
TBD
TBD
mA
300 MHz
TBD
TBD
mA
ICCSL1
VCORE power supply current, SL1 Sleep
state
70
110
mA
ICCSL2
VCORE power supply current, SL2 Sleep
state
10
20
mA
ICCSL3
VCORE power supply current, SL3 Sleep
state
-0
mA
ICCSL45
VCORE power supply current, SL4 and
SL5 Sleep state
-0
mA
IBAT
VBAT battery supply current
7
50
µAV
BAT = 3V @25°C
other supplies at 0V
ISBL
VSBL average current supply
1.5
2
mA
ISB
VSB average current supply
-
1.5
mA
VIL = VSS,
VIH = VSB
No Load
IIO
VIO power supply current
233 MHz
200
220
mA
266 MHz
210
230
mA
300 MHz
TBD
TBD
mA
IPLL
VPLL average current supply
13.5
15
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com