Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 286 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 286 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 282Page - National Semiconductor (TI) SC1100 Datasheet HTML 283Page - National Semiconductor (TI) SC1100 Datasheet HTML 284Page - National Semiconductor (TI) SC1100 Datasheet HTML 285Page - National Semiconductor (TI) SC1100 Datasheet HTML 286Page - National Semiconductor (TI) SC1100 Datasheet HTML 287Page - National Semiconductor (TI) SC1100 Datasheet HTML 288Page - National Semiconductor (TI) SC1100 Datasheet HTML 289Page - National Semiconductor (TI) SC1100 Datasheet HTML 290Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 348 page
background image
www.national.com
286
Revision 1.1
Electrical Specifications (Continued)
7.2
DC CHARACTERISTICS
Table 7-7 describes the signal buffer types of the SC1100.
(See Table 2-2 on page 19 for each signal’s buffer type.)
The subsections that follows provide detailed DC charac-
teristics according to buffer type.
Table 7-7. Buffer Types
Symbol
Description
Reference
Diode
Diodes only, no buffer
---
INAB
Input, ACCESS.bus compatible with Schmitt Trigger
Section 7.2.1
INBTN
Input, TTL compatible with Schmitt Trigger, low leakage
Section 7.2.2
INPCI
Input, PCI compatible
Section 7.2.3
INT
Input, TTL compatible
Section 7.2.4
INTS
Input, TTL compatible with Schmitt Trigger type 200 mV
Section 7.2.5
INTS1
Input, with Schmitt Trigger type 200 mV
Section 7.2.6
INUSB
Input, USB compatible
Section 7.2.7
ODn
Output, Open-Drain, capable of sinking n mA.1
Section 7.2.8
ODPCI
Output, Open-Drain, PCI compatible
Section 7.2.9
Op/n
Output, Totem-Pole, capable of sourcing p mA and sinking n mA
Section 7.2.10
OPCI
Output, PCI compatible, TRI-STATE
Section 7.2.11
OUSB
Output, USB compatible
Section 7.2.12
TSp/n
Output, TRI-STATE, capable of sourcing p mA and sinking n mA
Section 7.2.13
WIRE
Wire, no buffer
---
1.
Output from these signals is open-drain and cannot be forced high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com