Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 289 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 289 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 285Page - National Semiconductor (TI) SC1100 Datasheet HTML 286Page - National Semiconductor (TI) SC1100 Datasheet HTML 287Page - National Semiconductor (TI) SC1100 Datasheet HTML 288Page - National Semiconductor (TI) SC1100 Datasheet HTML 289Page - National Semiconductor (TI) SC1100 Datasheet HTML 290Page - National Semiconductor (TI) SC1100 Datasheet HTML 291Page - National Semiconductor (TI) SC1100 Datasheet HTML 292Page - National Semiconductor (TI) SC1100 Datasheet HTML 293Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 348 page
background image
Revision 1.1
289
www.national.com
Electrical Specifications (Continued)
7.2.7
INUSB DC Characteristics
Figure 7-1. Differential Input Sensitivity for Common Mode Range
7.2.8
ODn DC Characteristics
7.2.9
ODPCI DC Characteristics
7.2.10 Op/n DC Characteristics
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
2.0
VIO+0.5
1
V
VIL
Input Low Voltage
-0.51
0.8
V
IIL
Input Leakage Current
10
µA
VIN = VIO
-10
µA
VIN = VSS
VDI
Differential Input Sensitivity
0.2
V
|(D+)-(D-)| and Figure 7-1
VCM
Differential Common Mode Range
0.8
2.5
V
Includes VDI Range
VSE
Single Ended Receiver Threshold
0.8
2.0
V
VHIS
Input Hysteresis1
150
mV
1.
Not 100% tested.
1.0
0.8
0.6
0.4
0.2
0.0
0.0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2
Common Mode Input Voltage (volts)
Symbol
Parameter
Min
Max
Unit
Comments
VOL
Output Low Voltage
0.4
V
IOL = n mA
Symbol
Parameter
Min
Max
Unit
Comments
VOL
Output Low Voltage
0.1VIO
VlOL = 1500 µA
Symbol
Parameter
Min
Max
Unit
Comments
VOH
Output High Voltage
2.4
V
lOH = -p mA
VOL
Output Low Voltage
0.4
V
lOL = n mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com