Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 293 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 293 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 289Page - National Semiconductor (TI) SC1100 Datasheet HTML 290Page - National Semiconductor (TI) SC1100 Datasheet HTML 291Page - National Semiconductor (TI) SC1100 Datasheet HTML 292Page - National Semiconductor (TI) SC1100 Datasheet HTML 293Page - National Semiconductor (TI) SC1100 Datasheet HTML 294Page - National Semiconductor (TI) SC1100 Datasheet HTML 295Page - National Semiconductor (TI) SC1100 Datasheet HTML 296Page - National Semiconductor (TI) SC1100 Datasheet HTML 297Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 348 page
background image
Revision 1.1
293
www.national.com
Electrical Specifications (Continued)
Table 7-9. SDRAM Interface Signals
Symbol
Parameter
Min
Max
Unit
t1
Control Output1,2 Valid from SDCLK[3:0]
1.
Control output includes all the following signals: RASA#, CASA#, WEA#, CKEA, DQM[7:0], and CS[1:0]#.
Load = 50 pF, VCORE = 1.8V - 2.1V, VIO = 3.3V, @25oC.
2.
Use the Min/Max equations [value+(x * y)] to calculate the actual value.
x is the shift value which is applied to the SHFTSDCLK field, and y is 0.5 the core clock period.
Note that the SHFTSDCLK field = GX_BASE+8404h[5:3]. See the GX1 Processor Series datasheet.
For example, for a 233 MHz SC1100 processor running a 78 MHz SDRAM clock, with a shift value of 3:
t1 Min = -3.0 + (3 * (4.29 * 0.5)) = 3.435 ns
t1 Max = 0.1 + (3 * (4.29 * 0.5)) = 6.535 ns
-3.9 + (x*y)
0.1 + (x*y)
ns
t2
MA[12:0], BA[1.0] Output2 Valid from SDCLK[3:0]
-3.9 + (x*y)
0.1 + (x*y)
ns
t3
MD[63.0] Output2 Valid from SDCLK[3:0]
-3.9 + (x*y)
0.7 + (x*y)
ns
t4
MD[63:0] Read Data in Setup to SDCLK_IN
1.3
ns
t5
MD[63:0] Read Data Hold to SDCLK_IN
2.0
ns
t6
SDCLK[3:0], SDCLK_OUT cycle time
233 MHz / 3.0
10.0
14.0
ns
266 MHz / 3.0
8.3
13.5
300 MHz / 3.0
7.3
12.5
t7
SDCLK, SDCLK_OUT fall/rise time between (VOLD-VOHD)1
ns
t8
SDCLK[3:0], SDCLK_OUT high time
233 MHz / 3.0
4.0
ns
266 MHz / 3.0
3.0
300 MHz / 3.0
2.5
t9
SDCLK[3:0], SDCLK_OUT low time
233 MHz / 3.0
4.0
ns
266 MHz / 3.0
2.5
300 MHz / 3.0
2.5
t10
SDCLK_IN fall/rise time between (VILD-VIHD)1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com