Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 296 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 296 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 292Page - National Semiconductor (TI) SC1100 Datasheet HTML 293Page - National Semiconductor (TI) SC1100 Datasheet HTML 294Page - National Semiconductor (TI) SC1100 Datasheet HTML 295Page - National Semiconductor (TI) SC1100 Datasheet HTML 296Page - National Semiconductor (TI) SC1100 Datasheet HTML 297Page - National Semiconductor (TI) SC1100 Datasheet HTML 298Page - National Semiconductor (TI) SC1100 Datasheet HTML 299Page - National Semiconductor (TI) SC1100 Datasheet HTML 300Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 348 page
background image
www.national.com
296
Revision 1.1
Electrical Specifications (Continued)
Figure 7-6. ACB Signals (AB1D, AB2D, AB1C and AB2C) Rising Time and Falling Times
Figure 7-7. ACB Start and Stop Condition Timing
tSDAfo
AB1D/AB2D signal fall
time
300
ns
tSDAro
AB1D/AB2D signal rise
time
1
µs
tSDAho
AB1D/AB2D hold time
7 * tCLK - tSCLfo
After AB1C/AB2C falling edge
tSDAvo
AB1D/AB2D valid time
7 * tCLK + tRD
After AB1C/AB2C falling edge
1.
K is determined by bits [7:1] of the ACBCTL2 register (LDN 05h/06h, Offset 05h).
2.
This value depends on the signal capacitance and the pull-up value of the relevant pin.
Table 7-11. ACCESS.bus Output Signals (Continued)
Symbol
Parameter
Min
Max
Unit
Comments
AB1D
tSDAr
0.7VIO
0.3VIO
tSDAf
0.7VIO
0.3VIO
AB1C
tSCLr
0.7VIO
0.3VIO
tSCLf
0.7VIO
0.3VIO
AB2D
AB2C
AB1D
AB1C
tCSTOsi
tBUFi
tDLCs
tCSTRhi
Start Condition
Stop Condition
tDLCo
tCSTOso
tBUFo
tCSTRho
AB2D
AB2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com