Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 291 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 291 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 287Page - National Semiconductor (TI) SC1100 Datasheet HTML 288Page - National Semiconductor (TI) SC1100 Datasheet HTML 289Page - National Semiconductor (TI) SC1100 Datasheet HTML 290Page - National Semiconductor (TI) SC1100 Datasheet HTML 291Page - National Semiconductor (TI) SC1100 Datasheet HTML 292Page - National Semiconductor (TI) SC1100 Datasheet HTML 293Page - National Semiconductor (TI) SC1100 Datasheet HTML 294Page - National Semiconductor (TI) SC1100 Datasheet HTML 295Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 348 page
background image
Revision 1.1
291
www.national.com
Electrical Specifications (Continued)
7.3
AC CHARACTERISTICS
The tables in this section list the following AC characteris-
tics:
• Output delays
• Input setup requirements
• Input hold requirements
• Output float delays
• Power-up sequencing requirements
The default levels for measurement of the rising clock edge
reference voltage (VREF), and other voltages are shown in
Table 7-8. Input or output signals must cross these levels
during testing. Unless otherwise specified, all measure-
ment points in this section conform to these default levels.
All AC tests are at VIO = 3.14V to 3.46V (3.3V nominal),
TC = 0
oC to 70 oC, C
L = 50 pF, unless otherwise specified.
Figure 7-2. Drive level and Measurement Points for Switching Parameters
Table 7-8. Default Levels for Measurement of
Switching Parameters
Symbol
Parameter
Value (V)
VREF
Reference Voltage
1.5
VIHD
Input High Drive Voltage
2.0
VILD
Input Low Drive Voltage
0.8
VOHD
Output High Drive Voltage
2.4
VOLD
Output Low Drive Voltage
0.4
CLK
Outputs
Inputs
VIHD
VILD
VREF
Valid Input
Valid Output n+1
Valid Output n
VREF
VREF
VILD
VIHD
Min
Max
Legend: A = Maximum Output or Float Delay Specification
B = Minimum Output or Float Delay Specification
C = Minimum Input Setup Specification
D = Minimum Input Hold Specification
TX
B
A
CD
VOHD
VOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com