Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 290 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 290 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 286Page - National Semiconductor (TI) SC1100 Datasheet HTML 287Page - National Semiconductor (TI) SC1100 Datasheet HTML 288Page - National Semiconductor (TI) SC1100 Datasheet HTML 289Page - National Semiconductor (TI) SC1100 Datasheet HTML 290Page - National Semiconductor (TI) SC1100 Datasheet HTML 291Page - National Semiconductor (TI) SC1100 Datasheet HTML 292Page - National Semiconductor (TI) SC1100 Datasheet HTML 293Page - National Semiconductor (TI) SC1100 Datasheet HTML 294Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 348 page
background image
www.national.com
290
Revision 1.1
Electrical Specifications (Continued)
7.2.11 OPCI DC Characteristics
7.2.12 OUSB DC Characteristics
7.2.13 TSp/n DC Characteristics
7.2.13.1 Exceptions
1)
IOH is valid for a GPIO pin only when it is not configured as open-drain.
2)
Signals with internal pull-ups have a maximum input leakage current of:
Where VPOWER is VIO, or VSB.
3)
Signals with internal pull-downs have a maximum input leakage current of:
Symbol
Parameter
Min
Max
Unit
Comments
VOH
Output High Voltage
0.9VIO
VlOH = -500 µA
VOL
Output Low Voltage
0.1VIO
VlOL =1500 µA
Symbol
Parameter
Min
Max
Unit
Comments
VUSB_OH
High-level output voltage
2.8
3.61
1.
Tested by characterization.
VIOH = -0.25 mA
RL = 15 KΩ to GND
VUSB_OL
Low-level output voltage
0.3
V
IOL = 2.5 mA
RL = 1.5 KΩ to 3.6V
tUSB_CRS
Output signal crossover voltage
1.3
2.0
V
Symbol
Parameter
Min
Max
Unit
Comments
VOH
Output High Voltage
2.4
V
IOH = -p mA
VOL
Output Low Voltage
0.4
V
IOL = n mA
V
power
V
IN
–
R pull
up
–
()
---------------------------------


–
V
IN
V
SS
–
R pull
down
–
()
-----------------------------------------


+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com