Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 287 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 287 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 283Page - National Semiconductor (TI) SC1100 Datasheet HTML 284Page - National Semiconductor (TI) SC1100 Datasheet HTML 285Page - National Semiconductor (TI) SC1100 Datasheet HTML 286Page - National Semiconductor (TI) SC1100 Datasheet HTML 287Page - National Semiconductor (TI) SC1100 Datasheet HTML 288Page - National Semiconductor (TI) SC1100 Datasheet HTML 289Page - National Semiconductor (TI) SC1100 Datasheet HTML 290Page - National Semiconductor (TI) SC1100 Datasheet HTML 291Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 348 page
background image
Revision 1.1
287
www.national.com
Electrical Specifications (Continued)
7.2.1
INAB DC Characteristics
7.2.2
INBTN DC Characteristics
7.2.3
INPCI DC Characteristics
(Note that the buffer type for PCICLK, ball AA23, is INT - not INPCI.)
7.2.4
INT DC Characteristics
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
1.4
V
VIL
Input Low Voltage
-0.51
1.
Not 100% tested.
0.8
V
IIL
Input Leakage Current
10
µA
VIN = VIO
-10
µA
VIN = VSS
VHIS
Input hysteresis
150
mV
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
2.0
VSB+0.5
1
1.
Not 100% tested.
V
VIL
Input Low Voltage
-0.51
0.8
V
IIL
Input Leakage Current
5
µA
VIN = VSB
-36
µA
VIN = VSS
VHIS
Input Hysteresis1
200
mV
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
0.5VIO
VIO+0.5
1
1.
Not 100% tested.
V
VIL
Input Low Voltage
-0.51
0.3VIO
V
VIPU
Input Pull-up Voltage2
2.
Not 100% tested. This parameter indicates the minimum voltage to which pull-up resistors are calculated in order to pull
a floated network.
0.7VIO
V
lIL
Input Leakage Current3,4
3.
Input leakage currents include Hi-Z output leakage for all bidirectional buffers with TRI-STATE outputs.
4.
See Exceptions 2 and 3 in Section 7.2.13.1 on page 290.
+/-10
µs
0 < VIN < VIO
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
2.0
VIO+0.5
1
1.
Not 100% tested.
V
VIL
Input Low Voltage
-0.51
0.8
V
IIL
Input Leakage Current
10
µs
VIN = VIO
−10
µs
VIN = VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com