Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 316 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 316 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 312Page - National Semiconductor (TI) SC1100 Datasheet HTML 313Page - National Semiconductor (TI) SC1100 Datasheet HTML 314Page - National Semiconductor (TI) SC1100 Datasheet HTML 315Page - National Semiconductor (TI) SC1100 Datasheet HTML 316Page - National Semiconductor (TI) SC1100 Datasheet HTML 317Page - National Semiconductor (TI) SC1100 Datasheet HTML 318Page - National Semiconductor (TI) SC1100 Datasheet HTML 319Page - National Semiconductor (TI) SC1100 Datasheet HTML 320Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 348 page
background image
www.national.com
316
Revision 1.1
Electrical Specifications (Continued)
Table 7-22. UltraDMA Data Burst Timing Requirements
Symbol
Parameter
Mode 0 (ns)
Mode 1 (ns)
Mode 2 (ns)
Min
Max
Min
Max
Min
Max
t2CYC
Typical sustained average two cycle time
240
160
120
Two cycle time allowing for clock variations (from rising
edge to next rising edge or from falling edge to next falling
edge of STROBE)
235
156
117
tCYC
Cycle time allowing for asymmetry and clock variations
(from STROBE edge to STROBE edge)
114
75
55
tDS
Data setup time (at recipient)
15
10
7
tDH
Data hold time (at recipient)
5
5
5
tDVS
Data valid setup time at sender (from data bus being valid
until STROBE edge)
70
48
34
tDVH
Data valid hold time at sender (from STROBE edge until
data may become invalid)
666
tFS
First STROBE time (for device to first negate
IDE_IRDY[0:1] (DSTROBE[0:1]) from IDE_IOW[0:1]#
(STOP[0:1]) during a data in burst)
0230
0200
0170
tLI
Limited interlock time1
1.
tUI, tMLI, and tLI indicate sender-to-recipient or recipient-to-sender interlocks, that is, one agent (either sender or recipi-
ent) is waiting for the other agent to respond with a signal before proceeding. tUI is an unlimited interlock with no maxi-
mum time value. tMLI is a limited time-out with a defined minimum. tLI is a limited time-out with a defined maximum.
0150
0150
0150
tMLI
Interlock time with minimum1
20
20
20
tUI
Unlimited interlock time1
000
tAZ
Maximum time allowed for output drivers to release (from
being asserted or negated)
10
10
10
tZAH
Minimum delay time required for output drivers to assert or
negate (from released state)
20
20
20
tZAD
000
tENV
Envelope time (from IDE_DACK[0:1]# to IDE_IOW[0:1]#
(STOP[0:1]) and IDE_IOR[0:1]# (HDMARDY[0:1]#) during
data out burst initiation)
20
70
20
70
20
70
tSR
STROBE to DMARDY time (if DMARDY# is negated
before this long after STROBE edge, the recipient shall
receive no more than one additional data WORD)
50
30
20
tRFS
Ready-to-final-STROBE time (no STROBE edges shall be
sent this long after negation of DMARDY#)
75
60
50
tRP
Ready-to-pause time (time that recipient shall wait to ini-
tiate pause after negating DMARDY#)
160
125
100
tIORDYZ
Pull-up time before allowing IDE_IORDY[0:1] to be
released
20
20
20
tZIORDY
Minimum time device shall wait before driving
IDE_IORDY[0:1]
000
TACK
Setup and hold times for IDE_DACK[0:1]# (before asser-
tion or negation)
20
20
20
TSS
Time from STROBE edge to negation of IDE_DREQ[0:1]
or assertion of IDE_IOW[0:1]# (STOP[0:1]) (when sender
terminates a burst)
50
50
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com