Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 314 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 314 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 310Page - National Semiconductor (TI) SC1100 Datasheet HTML 311Page - National Semiconductor (TI) SC1100 Datasheet HTML 312Page - National Semiconductor (TI) SC1100 Datasheet HTML 313Page - National Semiconductor (TI) SC1100 Datasheet HTML 314Page - National Semiconductor (TI) SC1100 Datasheet HTML 315Page - National Semiconductor (TI) SC1100 Datasheet HTML 316Page - National Semiconductor (TI) SC1100 Datasheet HTML 317Page - National Semiconductor (TI) SC1100 Datasheet HTML 318Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 348 page
background image
www.national.com
314
Revision 1.1
Electrical Specifications (Continued)
Table 7-21. Multiword DMA Data Transfer
Symbol
Parameter
Mode 0
(ns)
Mode 1
(ns)
Mode 2
(ns)
t0
Cycle time1 (min)
1.
t0 is the minimum total cycle time, tD is the minimum command active time, and tKR or tKW is the minimum command
recovery time or command inactive time. The actual cycle time equals the sum of the command active time and the
command inactive time. The three timing requirements of t0, tD and tKR/KW, are met. The minimum total cycle time re-
quirement t0 is greater than the sum of tD and tKR/KW. (This means that a host implementation can lengthen tD and/or
tKR/KW to ensure that t0 is equal to or greater than the value reported in the device’s IDENTIFY DEVICE data.)
480
150
120
tD
IDE_IOR[0:1]#/IDE_IOW[0:1]# (min)
215
80
70
tE
IDE_IOR[0:1]# data access (max)
150
60
50
tF
IDE_IOR[0:1]# data hold (min)
5
5
5
tG
IDE_IOW[0:1]#/IDE_IOW[0:1]# data setup (min)
100
30
20
tH
IDE_IOW[0:1]# data hold (min)
20
15
10
tI
IDE_DACK[0:1]# to IDE_IOR[0:1]#/IDE_IOW[0:1]# setup (min)
0
0
0
tJ
IDE_IOR[0:1]#/IDE_IOW[0:1]# to IDE_DACK[0:1]# hold (min)
20
5
5
tKR
IDE_IOR[0:1]# negated pulse width (min)
50
50
25
tKW
IDE_IOW[0:1]# negated pulse width (min)
215
50
25
tLR
IDE_IOR[0:1]# to IDE_DREQ[0:1] delay (max)
120
40
35
tLW
IDE_IOW[0:1]# to IDE_DREQ0,1 delay (max)
40
40
35
tM
IDE_CS[0:1]# valid to IDE_IOR[0:1]#/IDE_IOW[0:1]# (min)
50
30
25
tN
IDE_CS[0:1]# hold
15
10
10
tZ
IDE_DACK[0:1]# to TRI-STATE
20
25
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com