Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 310 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 310 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 306Page - National Semiconductor (TI) SC1100 Datasheet HTML 307Page - National Semiconductor (TI) SC1100 Datasheet HTML 308Page - National Semiconductor (TI) SC1100 Datasheet HTML 309Page - National Semiconductor (TI) SC1100 Datasheet HTML 310Page - National Semiconductor (TI) SC1100 Datasheet HTML 311Page - National Semiconductor (TI) SC1100 Datasheet HTML 312Page - National Semiconductor (TI) SC1100 Datasheet HTML 313Page - National Semiconductor (TI) SC1100 Datasheet HTML 314Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 348 page
background image
www.national.com
310
Revision 1.1
Electrical Specifications (Continued)
Table 7-19. Register Transfer to/from Device
Symbol
Parameter
Mode 0
(ns)
Mode 1
(ns)
Mode 2
(ns)
Mode 3
(ns)
Mode 4
(ns)
t0
Cycle time1 (min)
1.
t0 is the minimum total cycle time, t2 is the minimum command active time, and t2i is the minimum command recovery
time or command inactive time. The actual cycle time equals the sum of the command active time and the command
inactive time. The three timing requirements of t0, t2, and t2i are met. The minimum total cycle time requirements is
greater than the sum of t2 and t2i. (This means that a host implementation can lengthen t2 and/or t2i to ensure that t0 is
equal to or greater than the value reported in the device’s IDENTIFY DEVICE data.)
600
383
240
180
120
t1
Address valid to IDE_IOR[0:1]#/ IDE_IOW[0:1]#
setup (min)
70
50
30
30
25
t2
IDE_IOR[0:1]#/IDE_IOW[0:1]# pulse width 8-bit1
(min)
290
290
290
80
70
t2i
IDE_IOR[0:1]#/IDE_IOW[0:1]# recovery time1
(min)
--
-
70
25
t3
IDE_IOW[0:1]# data setup (min)
60
45
30
30
20
t4
IDE_IOW[0:1]# data hold (min)
30
20
15
10
10
t5
IDE_IOR[0:1]# data setup (min)
50
35
20
20
20
t6
IDE_IOR[0:1]# data hold (min)
5
5
5
5
5
t6Z
IDE_IOR[0:1]# data TRI-STATE2 (max)
2.
This parameter specifies the time from the rising edge of IDE_IOR[0:1]# to the time that the data bus is no longer driven
by the device (TRI-STATE).
30
30
30
30
30
t9
IDE_IOR[0:1]#/IDE_IOW[0:1]# to address valid
hold (min)
20
15
10
10
10
tRD
Read Data Valid to IDE_IORDY[0:1] active (if
IDE_IORDY[0:1] initially low after tA (min)
00
0
0
0
tA
IDE_IORDY[0:1] Setup time3
3.
The delay from the activation of IDE_IOR[0:1]# or IDE_IOW[0:1]# until the state of IDE_IORDY[0,1] is first sampled. If
IDE_IORDY[0:1] is inactive, then the host waits until IDE_IORDY[0:1] is active before the PIO cycle is completed. If the
device is not driving IDE_IORDY[0:1] negated after activation (tA) of IDE_IOR[0:1]# or IDE_IOW[0:1]#, then t5 is met
and tRD is not applicable. If the device is driving IDE_IORDY[0:1] negated after activation (tA) of IDE_IOR[0:1]# or
IDE_IOW[0:1]#, then tRD is met and t5 is not applicable.
35
35
35
35
35
tB
IDE_IORDY[0:1] Pulse Width (max)
1250
1250
1250
1250
1250
tC
IDE_IORDY[0:1] Assertion to release (max)
5
5
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com