Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 339 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 339 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 335Page - National Semiconductor (TI) SC1100 Datasheet HTML 336Page - National Semiconductor (TI) SC1100 Datasheet HTML 337Page - National Semiconductor (TI) SC1100 Datasheet HTML 338Page - National Semiconductor (TI) SC1100 Datasheet HTML 339Page - National Semiconductor (TI) SC1100 Datasheet HTML 340Page - National Semiconductor (TI) SC1100 Datasheet HTML 341Page - National Semiconductor (TI) SC1100 Datasheet HTML 342Page - National Semiconductor (TI) SC1100 Datasheet HTML 343Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 348 page
background image
Revision 1.1
339
www.national.com
Electrical Specifications (Continued)
7.3.12 Power-Up Sequencing
Figure 7-49. Power-Up Sequencing Timing
ACPI is non-functional when the power-up sequence does not include using the power button. If ACPI functionality is
desired, the power button must be toggled. This can be done externally or internally. GPIO63 is internally connected to
PWRBTN#. To toggle the power button with software, GPIO63 must be programmed as an output using the normal GPIO
programming protocol (see Section 5.4.1.1 "GPIO Support Registers" on page 196). GPIO63 must be pulsed low for at
least 16 msec and not more than 4 sec.
Table 7-34. Power-Up Sequence Using the Power Button
Symbol
Parameter
Min
Max
Unit
Comments
t1
Voltage sequence
-10
10
ms
t2
PWRBTN# inactive after VSB or VSBL
applied, whichever is applied last
0
1
µs
PWRBTN# is an input and must
be powered by VSB.
t3
PWRBTN# active pulse width
16
4000
ms
If PWRBTN# max is exceeded,
ONCTL# will go inactive.
t4
ONCTL# inactive after VSB or VSBL
applied, which ever is applied last
01
ms
t5
Signal active after PWRBTN active
16
32
ms
t6
VCORE and VIO applied after ONCTL#
active
0
ms
System determines when VCORE
and VIO are applied, hence there
is no maximum constraint.
t7
POR# inactive after VCORE and VIO
applied
50
ms
POR# must not glitch during
active time.
t1
VSBL
VSB
VCORE
VIO
PWRBTN#
ONTCL#
PWRCNT[2:1]
POR#
t4
t2
t3
t1
t6
t5
t7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com