Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 340 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 340 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 336Page - National Semiconductor (TI) SC1100 Datasheet HTML 337Page - National Semiconductor (TI) SC1100 Datasheet HTML 338Page - National Semiconductor (TI) SC1100 Datasheet HTML 339Page - National Semiconductor (TI) SC1100 Datasheet HTML 340Page - National Semiconductor (TI) SC1100 Datasheet HTML 341Page - National Semiconductor (TI) SC1100 Datasheet HTML 342Page - National Semiconductor (TI) SC1100 Datasheet HTML 343Page - National Semiconductor (TI) SC1100 Datasheet HTML 344Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 348 page
background image
www.national.com
340
Revision 1.1
Electrical Specifications (Continued)
Figure 7-50. Power-Up Sequencing Timing
ACPI is non-functional when the power-up sequence does not include using the power button. If ACPI functionality is
desired, the power button must be toggled. This can be done externally or internally. GPIO63 is internally connected to
PWRBTN#. To toggle the power button with software, GPIO63 must be programmed as an output using the normal GPIO
programming protocol (see Section 5.4.1.1 "GPIO Support Registers" on page 196). GPIO63 must be pulsed low for at
least 16 msec and not more than 4 sec. Asserting POR# has no effect on ACPI. If POR# is asserted and ACPI was active
prior to POR#, then ACPI will remain active after POR#. Therefore, BIOS must ensure that ACPI is inactive before GPIO63
is pulsed low.
Table 7-35. Power-Up Sequence Not Using the Power Button
Symbol
Parameter
Min
Max
Unit
Comments
t1
Voltage sequence
-10
10
ms
t2
POR# inactive after VSBL, VCORE, VSB,
and VIO applied
50
ms
POR# must not glitch during
active time.
t3
32KHZ startup time
1
s
Time required for 32 KHz oscilla-
tor to become stable at which
time the RTC can reliably count.
t1
VSBL, VCORE
1
VSB, VIO
2
POR#
t2
1)
VSBL and VCORE should be tied together.
2)
VSB and VIO should be tied together.
t3
32KHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com