Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 344 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 344 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 340Page - National Semiconductor (TI) SC1100 Datasheet HTML 341Page - National Semiconductor (TI) SC1100 Datasheet HTML 342Page - National Semiconductor (TI) SC1100 Datasheet HTML 343Page - National Semiconductor (TI) SC1100 Datasheet HTML 344Page - National Semiconductor (TI) SC1100 Datasheet HTML 345Page - National Semiconductor (TI) SC1100 Datasheet HTML 346Page - National Semiconductor (TI) SC1100 Datasheet HTML 347Page - National Semiconductor (TI) SC1100 Datasheet HTML 348Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 344 / 348 page
background image
www.national.com
344
Revision 1.1
Package Specifications (Continued)
8.1.1
Heatsink Considerations
Table 8-2 shows the maximum allowed thermal resistance of a heatsink for particular operating environments. The calcu-
lated values, defined as
θCA, represent the required ability of a particular heatsink to transfer heat generated by the SC1100
from its case into the air, thereby maintaining the case temperature at or below 85
°C. Because θCA is a measure of thermal
resistivity, it is inversely proportional to the heatsinks ability to dissipate heat or its thermal conductivity.
Note:
A “perfect” heatsink would be able to maintain a case temperature equal to that of the ambient air inside the system
chassis.
Looking at Table 8-2, it can be seen that as ambient temperature (TA) increases, θCA decreases, and that as power con-
sumption of the processor (P) increases,
θCA decreases. Thus, the ability of the heatsink to dissipate thermal energy must
increase as the processor power increases and as the temperature inside the enclosure increases.
While
θCA is a useful parameter to calculate, heatsinks are not typically specified in terms of a single θCA.This is because
the thermal resistivity of a heatsink is not constant across power or temperature. In fact, heatsinks become slightly less effi-
cient as the amount of heat they are trying to dissipate increases. For this reason, heatsinks are typically specified by
graphs that plot heat dissipation (in watts) vs. mounting surface (case) temperature rise above ambient (in
°C). This method
is necessary because ambient and case temperatures fluctuate constantly during normal operation of the system. The sys-
tem designer must be careful to choose the proper heatsink by matching the required
θCA with the thermal dissipation curve
of the device under the entire range of operating conditions in order to make sure that the maximum case temperature
(from
Table 7-2 on page 281) is never exceeded. To choose the proper heatsink, the system designer must make sure that
the calculated
θCA falls above the curve (shaded area). The curve itself defines the minimum temperature rise above ambi-
ent that the heatsink can maintain.
Table 8-2. Case-to-Ambient Thermal Resistance Examples @ 85
°C
Core Voltage
(VCORE)
(Nominal)
Core
Frequency
Maximum
Power (W)
θCA for Different Ambient Temperatures (°C/W)
20
°C25°C30°C35°C40°C
TBD
300 MHz
TBD
TBD
TBD
TBD
TBD
TBD
2.0V
266 MHz
2.98
21.84
20.16
18.48
16.8
15.12
1.8V
233 MHz
2.77
23.52
21.71
19.9
18.09
16.28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com