Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 345 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 345 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 340Page - National Semiconductor (TI) SC1100 Datasheet HTML 341Page - National Semiconductor (TI) SC1100 Datasheet HTML 342Page - National Semiconductor (TI) SC1100 Datasheet HTML 343Page - National Semiconductor (TI) SC1100 Datasheet HTML 344Page - National Semiconductor (TI) SC1100 Datasheet HTML 345Page - National Semiconductor (TI) SC1100 Datasheet HTML 346Page - National Semiconductor (TI) SC1100 Datasheet HTML 347Page - National Semiconductor (TI) SC1100 Datasheet HTML 348Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 345 / 348 page
background image
Revision 1.1
345
www.national.com
Package Specifications (Continued)
Figure 8-1 is an example of a particular heatsink under consideration
Figure 8-1. Heatsink Example
Example 1
Assume P (max) = 5W and TA (max) = 40°C.
Therefore:
θCA = 9
The heatsink must provide a thermal resistance below 9
°C/W. In this case, the heatsink under consideration is more than
adequate since at 5W worst case, it can limit the case temperature rise above ambient to 40
°C (θ
CA =8).
Example 2
Assume P (max) = 9W and TA (max) = 40°C.
Therefore:
θ
CA = 5
In this case, the heatsink under consideration is NOT adequate to limit the case temperature rise above ambient to 45
°C for
a 9W processor.
For more information on thermal design considerations or heatsink properties, refer to the Product Selection Guide of any
leading vendor of thermal engineering solutions.
Note:
The power dissipations P used in these examples are not representative of the power dissipation of the SC1100,
which is always less than 4 Watts.
0
10
20
30
40
50
24
6
8
10
θCA = 45/9 = 5
Heat Dissipated - Watts
θCA = 45/5 = 9
θCA =
TC − TA
P
θCA =
85
− 40
5
θCA =
TC − TA
P
θCA =
85
− 40
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com