Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 347 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 347 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 340Page - National Semiconductor (TI) SC1100 Datasheet HTML 341Page - National Semiconductor (TI) SC1100 Datasheet HTML 342Page - National Semiconductor (TI) SC1100 Datasheet HTML 343Page - National Semiconductor (TI) SC1100 Datasheet HTML 344Page - National Semiconductor (TI) SC1100 Datasheet HTML 345Page - National Semiconductor (TI) SC1100 Datasheet HTML 346Page - National Semiconductor (TI) SC1100 Datasheet HTML 347Page - National Semiconductor (TI) SC1100 Datasheet HTML 348Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 347 / 348 page
background image
Revision 1.1
347
www.national.com
Appendix A
Support Documentation
A.1
ORDER INFORMATION
A.2
DATASHEET REVISION HISTORY
This document is a report of the revision/creation process
of the datasheet for the Geode SC1100. Any revisions (i.e.,
additions, deletions, parameter corrections, etc.) are
recorded in the table below.
Order Number
(NSID)
Part Marking
Core
Frequency
(MHz)
Core
Voltage
(VCORE)
Temperature
(Degree C)
Package
SC1100UFH-233
SC1100UFH-233
233
1.8V
85
TEPBGA
SC1100UFH-266
SC1100UFH-266
266
2.0V
85
TEPBGA
SC1100UFH-300
SC1100UFH-300
300
TBD
85
TEPBGA
Table A-1. Revision History
Revision #
(PDF Date)
Revisions / Comments
0.8
(June 2002)
First release of preliminary datasheet.
0.81
(July 2002)
Many edits to all sections
1.0
(November
2002)
Minor engineering edits.
1.1
(March 2003)
See Table A-2 "Edits to Current Revision" for details.
Table A-2. Edits to Current Revision
Section
Revision
Section "Features"
• Added “Is not the subtractive decode agent” under Sub-ISA Bus Interface.
• Under Voltages, Internal Logic changed voltage for 266 MHz to 2.0V and changed voltage
for 300 MHz to TBD.
Section 5.0 "Core
Logic Module"
• Added “Is not the subtractive decode agent” under Sub-ISA Bus Interface.
• Changed all references to 4-byte boundary in audio to 32-byte boundary.
• Added sentence to third bullet under Physical Region Descriptor Format on page 144.
Section 7.0 "Electrical
Specifications"
• Changed Min, Typ, and Max frequency values for 266 MHz Core clock frequency to 1.9,
2.0, and 2.1V respectively in Table 7-2 on page 281.
• Changed many values in Table 7-4 on page 283.
Section 8.0 "Package
Specifications"
• Removed Min column from Table 8-1 on page 343.
• Made row for 300 MHz engineering text and changed Core Voltage (Nominal) to 2.0V for
266 MHz in Table 8-2 on page 344.
• Changed the watts to 4 in the Note in Example 2 on page 345.
Section Appendix A
"Support Documenta-
tion"
• Changed row for 300 MHz to engineering text and changed VCORE for 266 MHz to 2.0V in
Table A.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com