Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 346 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 346 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 340Page - National Semiconductor (TI) SC1100 Datasheet HTML 341Page - National Semiconductor (TI) SC1100 Datasheet HTML 342Page - National Semiconductor (TI) SC1100 Datasheet HTML 343Page - National Semiconductor (TI) SC1100 Datasheet HTML 344Page - National Semiconductor (TI) SC1100 Datasheet HTML 345Page - National Semiconductor (TI) SC1100 Datasheet HTML 346Page - National Semiconductor (TI) SC1100 Datasheet HTML 347Page - National Semiconductor (TI) SC1100 Datasheet HTML 348Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 346 / 348 page
background image
www.national.com
346
Revision 1.1
Package Specifications (Continued)
8.2
PHYSICAL DIMENSIONS
Figure 8-2. 388-Terminal TEPBGA
Notes:
1)
Solder ball composition: Sn 63%, Pb 37%
2)
Dimension is measured at the minimum solder ball diameter, parallel to primary datum N
3)
The mold surface area may include dimple for A1 ball corner identification and mold ejector
pin marks at each corner of molded package surface
4)
Reference JEDEC registration MS-034, Variation BAR-2
5)
The copper heat spreader is optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com