Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 343 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 343 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 339Page - National Semiconductor (TI) SC1100 Datasheet HTML 340Page - National Semiconductor (TI) SC1100 Datasheet HTML 341Page - National Semiconductor (TI) SC1100 Datasheet HTML 342Page - National Semiconductor (TI) SC1100 Datasheet HTML 343Page - National Semiconductor (TI) SC1100 Datasheet HTML 344Page - National Semiconductor (TI) SC1100 Datasheet HTML 345Page - National Semiconductor (TI) SC1100 Datasheet HTML 346Page - National Semiconductor (TI) SC1100 Datasheet HTML 347Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 348 page
background image
Revision 1.1
343
www.national.com
8.0
Package Specifications
8.1
THERMAL CHARACTERISTICS
The junction-to-case thermal resistance (
θ
JC) of the TEPBGA package shown in Table 8-1 can be used to calculate the
junction (die) temperature under any given circumstance.
Note that there is no specification for maximum junction temperature given since the operation of the TEPBGA device is
guaranteed to a case temperature range of 0
°C to 85°C (see Table 7-2 on page 281). As long as the case temperature of
the device is maintained within this range, the junction temperature of the die will also be maintained within its allowable
operating range. However, the die (junction) temperature under a given operating condition can be calculated by using the
following equation:
TJ = TC + (P * θJC)
where:
TJ = Junction temperature (°C)
TC = Case temperature at top center of package (°C)
P = Maximum power dissipation (W)
θ
JC = Junction-to-case thermal resistance (°C/W)
These examples are given for reference only. The actual value used for maximum power (P) and ambient temperature (TA)
is determined by the system designer based on system configuration, extremes of the operating environment, and whether
active thermal management (via Suspend Modulation) of the GX1 processor is employed.
A maximum junction temperature is not specified since a maximum case temperature is. Therefore, the following equation
can be used to calculate the maximum thermal resistance required of the thermal solution for a given maximum ambient
temperature:
where:
θ
CS = Max case-to-heatsink thermal resistance (°C/W) allowed for thermal solution
θ
SA = Max heatsink-to-ambient thermal resistance (°C/W) allowed for thermal solution
TA = Max ambient temperature (°C)
TC = Max case temperature at top center of package (°C)
P
= Maximum power dissipation (W)
If thermal grease is used between the case and heatsink,
θ
CS will reduce to about 0.01 °C/W. Therefore, the above equa-
tion can be simplified to:
where:
θ
CA = θSA = Max heatsink-to-ambient thermal resistance (°C/W) allowed for thermal solution
The calculated
θ
CA value (examples shown in Table 8-2 on page 344) represents the maximum allowed thermal resistance
of the selected cooling solution which is required to maintain the maximum TC (shown in Table 7-2 on page 281) for the
application in which the device is used.
Table 8-1.
θ
JC (×C/W) for SC1100
Package
Max
(
°C/W)
TEPBGA without copper heat spreader
7
TEPBGA with copper heat spreader
5
θCS + θSA =
TC − TA
P
θCA =
TC − TA
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com