Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 106 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 106 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 102Page - National Semiconductor (TI) SC1100 Datasheet HTML 103Page - National Semiconductor (TI) SC1100 Datasheet HTML 104Page - National Semiconductor (TI) SC1100 Datasheet HTML 105Page - National Semiconductor (TI) SC1100 Datasheet HTML 106Page - National Semiconductor (TI) SC1100 Datasheet HTML 107Page - National Semiconductor (TI) SC1100 Datasheet HTML 108Page - National Semiconductor (TI) SC1100 Datasheet HTML 109Page - National Semiconductor (TI) SC1100 Datasheet HTML 110Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 348 page
background image
www.national.com
106
Revision 1.1
SuperI/O Module (Continued)
Table 4-32. Bank Selection Encoding
BSR Bits
Bank Selected
7
654
3210
0
xxx
xxx
x
0
1
0
xx
xxx
x
1
1
1
xx
xx
1
x
1
1
1
xx
xxx
1
1
1
110
0000
2
1
110
0100
3
Table 4-33. Bank 1 Register Map
Offset
Type
Name
00h
R/W
LBGD(L). Legacy Baud Generator Divisor Port (Low Byte)
01h
R/W
LBGD(H). Legacy Baud Generator Divisor Port (High Byte)
02h
---
RSVD. Reserved
03h
W
LCR1. Line Control
R/W
BSR1. Bank Select
04h-07h
---
RSVD. Reserved
1.
When bit 7 of this register is set to 1, bits [6:0] of BSR select the bank, as shown in Table 4-32 on page 106.
Table 4-34. Bank 2 Register Map
Offset
Type
Name
00h
R/W
BGD(L). Baud Generator Divisor Port (Low Byte)
01h
R/W
BGD(H). Baud Generator Divisor Port (High Byte)
02h
R/W
EXCR1. Extended Control 1
03h
R/W
LCR/BSR. Link Control/Bank Select
04h
R/W
EXCR2. Extended Control 2
05h
---
RSVD. Reserved
06h
RO
TXFLV. TX_FIFO Level
07h
RO
RXFLV. RX_FIFO Level
Table 4-35. Bank 3 Register Map
Offset
Type
Name
00h
RO
MRID. Module and Revision ID
01h
RO
SH_LCR. Shadow of LCR
02h
RO
SH_FCR. Shadow of FIFO Control
03h
R/W
LCR/BSR. Link Control/Bank Select
04h-07h
---
RSVD. Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com