Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 108 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 108 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 104Page - National Semiconductor (TI) SC1100 Datasheet HTML 105Page - National Semiconductor (TI) SC1100 Datasheet HTML 106Page - National Semiconductor (TI) SC1100 Datasheet HTML 107Page - National Semiconductor (TI) SC1100 Datasheet HTML 108Page - National Semiconductor (TI) SC1100 Datasheet HTML 109Page - National Semiconductor (TI) SC1100 Datasheet HTML 110Page - National Semiconductor (TI) SC1100 Datasheet HTML 111Page - National Semiconductor (TI) SC1100 Datasheet HTML 112Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 348 page
background image
www.national.com
108
Revision 1.1
SuperI/O Module (Continued)
4.8.2
IR Communications Port (IRCP) Functionality
This section describes the IRCP support registers. The
IRCP functional block provides advanced, versatile serial
communications features with IR capabilities.
The IRCP also supports two DMA channels; the functional
block can use either one or both of them. One channel is
required for IR-based applications, since IR communication
works in half duplex fashion. Two channels would normally
be needed to handle high-speed full duplex IR based appli-
cations.
The IRCP signals are chosen via bit 6 of the PMR register
(see Section 3.2 "Multiplexing, Interrupt Selection, and
Base Address Registers" on page 50).
4.8.2.1
IRCP Mode Register Bank Overview
Eight register banks, each containing eight registers, con-
trol IRCP operation. All registers use the same 8-byte
address space to indicate offsets 00h through 07h. The
BSR register selects the active bank and is common to all
banks. See Figure 4-19.
Figure 4-19. IRCP Register Bank Architecture
Table 4-38. Bank 2 Bit Map
Register
Bits
Offset
Name
7
6543
21
0
00h
BGD(L)
BGD[7:0] (Low Byte)
01h
BGD(H)
BGD [15:8] (High Byte)
02h
EXCR1
BTEST
RSVD
ETDLBK
LOOP
RSVD
EXT_SL
03h
LCR/BSR
BKSE
BSR[6:0] (Bank Select)
04h
EXCR2
LOCK
RSVD
PRESL[1:0]
RSVD
05h
RSVD
Reserved
06h
TXFLV
RSVD
TFL[4:0]
07h
RXFLV
RSVD
RFL[4:0]
Table 4-39. Bank 3 Bit Map
Register
Bits
Offset
Name
765
43
21
0
00h
MRID
MID[3:0]
RID[3:0]
01h
SH_LCR
BKSE
SBRK
STKP
EPS
PEN
STB
WLS[1:0]
02h
SH_FCR
RXFTH[1:0]
TXFHT[1:0]
RSVD
TXSR
RXSR
FIFO_EN
03h
LCR/BSR
BKSE
BSR[6:0] (Bank Select)
04h-07h
RSVD
RSVD
Bank 0
Bank 1
Bank 2
Bank 3
Bank 4
Bank 5
Bank 6
Bank 7
Offset 07h
Offset 06h
Offset 05h
Offset 04h
LCR/BSR
Offset 02h
Offset 01h
Offset 00h
Common
Register
Throughout
All Banks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com