Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 113 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 113 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 109Page - National Semiconductor (TI) SC1100 Datasheet HTML 110Page - National Semiconductor (TI) SC1100 Datasheet HTML 111Page - National Semiconductor (TI) SC1100 Datasheet HTML 112Page - National Semiconductor (TI) SC1100 Datasheet HTML 113Page - National Semiconductor (TI) SC1100 Datasheet HTML 114Page - National Semiconductor (TI) SC1100 Datasheet HTML 115Page - National Semiconductor (TI) SC1100 Datasheet HTML 116Page - National Semiconductor (TI) SC1100 Datasheet HTML 117Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 348 page
background image
Revision 1.1
113
www.national.com
SuperI/O Module (Continued)
Table 4-50. Bank 1 Bit Map
Register
Bits
Offset
Name
7
6543
210
00h
LBGD(L)
LBGD[7:0] (Low Byte Data)
01h
LBGD(H)
LBGD[15:8] (High Byte Data)
02h
RSVD
RSVD
03h
LCR
BKSE
SBRK
STKP
EPS
PEN
STB
WLS[1:0]
BSR
BKSE
BSR[6:0] (Bank Select)
04h-07h
RSVD
RSVD
Table 4-51. Bank 2 Bit Map
Register
Bits
Offset
Name
7
6543
210
00h
BGD(L)
BGD[7:0] (Low Byte Data)
01h
BGD(H)
BGD[15:8] (High Byte Data)
02h
EXCR1
BTEST
RSVD
ETDLBK
LOOP
DMASWP
DMATH
DMANF
EXT_SL
03h
BSR
BKSE
BSR[6:0] (Bank Select)
04h
EXCR2
LOCK
RSVD
PRESL[1:0]
RF_SIZ[1:0]
TF_SIZ[1:0]
05h
RSVD
RSVD
06h
TXFLV
RSVD
TFL[5:0]
07h
RXFLV
RSVD
RFL[5:0]
Table 4-52. Bank 3 Bit Map
Register
Bits
Offset
Name
7
6543
210
00h
MRID
MID[3:0]
RID[3:0]
01h
SH_LCR1
RSVD
SBRK
STKP
EPS
PEN
STB
WLS[1:0]
02h
SH_FCR2
RXFTH[1:0]
TXFTH[1:0]
RSVD
TXSR
RXSR
FIFO_EN
03h
BSR
BKSE
BSR[6:0] (Bank Select)
04h-07h
RSVD
Reserved
1.
LCR register Value.
2.
FCR register Value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com