Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 114 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 114 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 110Page - National Semiconductor (TI) SC1100 Datasheet HTML 111Page - National Semiconductor (TI) SC1100 Datasheet HTML 112Page - National Semiconductor (TI) SC1100 Datasheet HTML 113Page - National Semiconductor (TI) SC1100 Datasheet HTML 114Page - National Semiconductor (TI) SC1100 Datasheet HTML 115Page - National Semiconductor (TI) SC1100 Datasheet HTML 116Page - National Semiconductor (TI) SC1100 Datasheet HTML 117Page - National Semiconductor (TI) SC1100 Datasheet HTML 118Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 348 page
background image
www.national.com
114
Revision 1.1
SuperI/O Module (Continued)
Table 4-53. Bank 4 Bit Map
Register
Bits
Offset
Name
7
6543
210
00h
TMR(L)
TMR[7:0] (Low Byte Data)
01h
TMR(H)
RSVD
TMR[11:8] (High Byte Data)
02h
IRCR1
RSVD
IR_SL[1:0]
CTEST
TMR_EN
03h
BSR
BKSE
BSR[6:0] (Bank Select)
04h
TFRL(L)/
TFRCC(L)
TFRL[7:0] / TFRCC[7:0] (Low Byte Data)
05h
TFRL(H)/
TFRCC(H)
RSVD
TFRL[12:8] / TFRCC[12:8] (High Byte Data)
06h
RFRML(L)/
RFRCC(L)
RFRML[7:0] / RFRCC[7:0] (Low Byte Data)
07h
RFRML(H)/
RFRCC(H)
RSVD
RFRML[12:8] / RFRCC[12:8] (High Byte Data)
Table 4-54. Bank 5 Bit Map
Register
Bits
Offset
Name
7
6543
210
00h
SPR2
Scratchpad 2
01h
SPR3
Scratchpad 3
02h
RSVD
RSVD
03h
BSR
BKSE
BSR[6:0] (Bank Select)
04h
IRCR2
RSVD
SFTSL
FEND_MD
AUX_IRRX
TX_MS
MDRS
IRMSSL
IR_FDPLX
05h
FRM_ST
VLD
LOST_FR
RSVD
MAX_LEN
PHY_ERR
BAD_CRC
OVR1
OVR2
06h
RFRL(L)/
LSTFRC
RFRL[7:0] (Low Byte Data) / LSTFRC[7:0]
07h
RFRL(H)
RFRL[15:8] (High Byte Data)
Table 4-55. Bank 6 Bit Map
Register
Bits
Offset
Name
7
6543
210
00h
IRCR3
SHDM_DS
SHMD_DS
FIR_CRC
MIR_CRC
RSVD
TXCRC_INV TXCRC_DS
RSVD
01h
MIR_PW
RSVD
MPW[3:0]
02h
SIR_PW
RSVD
SPW[3:0]
03h
BSR
BKSE
BSR[6:0] (Bank Select)
04h
BFPL
MBF[3:0]
FPL[3:0]
05h-07h
RSVD
RSVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com