Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 116 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 116 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 112Page - National Semiconductor (TI) SC1100 Datasheet HTML 113Page - National Semiconductor (TI) SC1100 Datasheet HTML 114Page - National Semiconductor (TI) SC1100 Datasheet HTML 115Page - National Semiconductor (TI) SC1100 Datasheet HTML 116Page - National Semiconductor (TI) SC1100 Datasheet HTML 117Page - National Semiconductor (TI) SC1100 Datasheet HTML 118Page - National Semiconductor (TI) SC1100 Datasheet HTML 119Page - National Semiconductor (TI) SC1100 Datasheet HTML 120Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 348 page
background image
www.national.com
116
Revision 1.1
5.0
Core Logic Module
The Core Logic module is an enhanced PCI-to-Sub-ISA
bridge (South Bridge), this module is ACPI-compliant, and
provides AT/Sub-ISA functionality. The Core Logic module
also contains state-of-the-art power management. Two bus
mastering IDE controllers are included for support of up to
four ATA-compliant devices. A three-port Universal Serial
Bus (USB) provides high speed, and Plug & Play expan-
sion for a variety of new consumer peripheral devices.
5.1
FEATURE LIST
Internal Fast-PCI Interface
The internal Fast-PCI bus interface is used to connect the
Core Logic and GX1 modules of the SC1100. This inter-
face includes the following features:
• PCI protocol for transfers on Fast-PCI bus
• Up to 66 MHz operation
• Subtractive decode handled internally in conjunction
with external PCI bus
Bus Mastering IDE Controllers
• Two controllers with support for up to four IDE devices
• Independent timing for master and slave devices for both
channels
• PCI bus master burst reads and writes
• Multiword DMA support
• Programmed I/O (PIO) Modes 0-4 support
Universal Serial Bus
• Three independent USB interfaces
• Open Host Controller Interface (OpenHCI) specification
compliant
PCI Interface
• PCI 2.1 compliant
• PCI master for AC97 and IDE controllers
• Subtractive agent for unclaimed transactions
• Supports PCI initiator-to-Sub-ISA cycle translations
• PCI-to-Sub-ISA interrupt mapper/translator
• External PCI bus
— Devices internal to the Core Logic (IDE, Audio, USB,
Sub-ISA, etc.) cannot master to memory through the
external PCI bus.
— Legacy DMA is not supported to memory located on
external PCI bus.
— Core Logic does not transfer subtractively decoded
I/O cycles originating from external PCI bus.
AT Compatibility
• 8259A-equivalent interrupt controllers
• 8254-equivalent timer
• 8237-equivalent DMA controllers
• Port A, B, and NMI logic
• Positive decode for AT I/O space
Sub-ISA Interface
• Boot ROM chip select
• Extended ROM to 16 MB
• Two chipselects for ROM or Flash EPROM, each up to
16 MB
• Two general-purpose chip selects
• NAND Flash support
• M-Systems’ DiskOnChip support
• Is not the subtractive decode agent
Power Management
• Automated CPU 0V Suspend modulation
• I/O Traps and Idle Timers for peripheral power manage-
ment
• Software SMI and Stop Clock for APM support
• ACPI-compliant timer and register set
• Up to 30 GPIOs of which all can generate Power
Management Interrupts (PMEs)
• Three Dedicated GPWIOs powered by VSBL and VSB
• Shadow register support for legacy controllers for 0V
Suspend
Integrated Audio
• AC97 Version 2.0 compliant interface to audio codecs
• AMC97 codec support
Low Pin Count (LPC) Interface
• Based on Intel LPC Interface Specification Revision 1.0
• Serial IRQ support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com