Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 2 Page - Texas Instruments

  LM93 Datasheet HTML 1Page - Texas Instruments LM93 Datasheet HTML 2Page - Texas Instruments LM93 Datasheet HTML 3Page - Texas Instruments LM93 Datasheet HTML 4Page - Texas Instruments LM93 Datasheet HTML 5Page - Texas Instruments LM93 Datasheet HTML 6Page - Texas Instruments LM93 Datasheet HTML 7Page - Texas Instruments LM93 Datasheet HTML 8Page - Texas Instruments LM93 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 95 page
background image
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
The LM93 builds upon the functionality of previous motherboard management ASICs and uses some of
the LM85's features (i.e. smart tachometer mode). It also adds measurement and control support for
dynamic Vccp monitoring and PROCHOT. It is designed to monitor a dual processor Xeon class
motherboard with a minimum of external components.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Introduction
.............................................. 1
3.7
DYNAMIC Vccp MONITORING USING VID
....... 15
1.1
Features
............................................. 1
3.8
VREF OUTPUT ...................................... 15
1.2
Applications
.......................................... 1
3.9
PROCHOT BACKGROUND INFORMATION
...... 16
1.3
Description
........................................... 1
3.10
PROCHOT MONITORING
......................... 16
2
Device Information
...................................... 3
3.11
PROCHOT OUTPUT CONTROL
.................. 17
2.1
Block Diagram
....................................... 3
3.12
FAN SPEED MEASUREMENT
.................... 18
2.2
Application
........................................... 3
3.13
SMART FAN SPEED MEASUREMENT
........... 18
2.3
Connection Diagram
................................. 4
3.14
Inputs/Outputs
...................................... 18
2.4
Recommended Implementation
..................... 8
3.15
SMBus Interface
.................................... 20
3
Functional Description
................................. 9
3.16
Using The LM93
.................................... 30
3.1
MONITORING CYCLE TIME
........................ 9
3.17
Registers
............................................ 42
3.2
ΣΔ A/D INHERENT AVERAGING
................... 9
4
Electrical Specifications
............................. 81
3.3
TEMPERATURE MONITORING
..................... 9
4.1
Absolute Maximum Ratings
........................ 81
3.4
VOLTAGE MONITORING
.......................... 10
4.2
Operating Ratings
.................................. 82
3.5
RECOMMENDED EXTERNAL SCALING
4.3
DC Electrical Characteristics
....................... 82
RESISTORS FOR +12V POWER RAILS
.......... 12
4.4
AC Electrical Characteristics
....................... 84
3.6
RECOMMENDED EXTERNAL SCALING CIRCUIT
Data Sheet Revision History
.............................. 87
FOR
−12V POWER INPUT
........................ 12
2
Device Information
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com