Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 65 Page - Texas Instruments

Back Button LM93 Datasheet HTML 61Page - Texas Instruments LM93 Datasheet HTML 62Page - Texas Instruments LM93 Datasheet HTML 63Page - Texas Instruments LM93 Datasheet HTML 64Page - Texas Instruments LM93 Datasheet HTML 65Page - Texas Instruments LM93 Datasheet HTML 66Page - Texas Instruments LM93 Datasheet HTML 67Page - Texas Instruments LM93 Datasheet HTML 68Page - Texas Instruments LM93 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
Application Note: Enabling Smart Tach mode is not supported while either PWM output is configured for
22.5 kHz. The behavior of the part is undefined if this configuration is programmed. Register E0h Special
Function TACH to PWM Binding must be setup when Smart Tach modes are enabled.
3.17.8.3 Register BEh
GPI/VID Level Control
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
GPI/VID
GPI6
GPI4
RES
P2_VID
P1_VID
GPI7
GPI5
BEh
R/W
Level
_LVL
_LVL
_LVL
_LVL
00h
_LVL
_LVL
Control
Bit
Name
R/W
Description
0
P1_VID_LVL
R/W
If set, P1_VIDx inputs use alternate lower VIH and VIL levels
1
P2_VID_LVL
R/W
If set, P2_VIDx inputs use alternate lower VIH and VIL levels
3:2
RES
R
Reserved
4
GPI4_LVL
R/W
If set, GPIO4 input use alternate lower VIH and VIL levels
5
GPI5_LVL
R/W
If set, GPIO5 input use alternate lower VIH and VIL levels
6
GPI6_LVL
R/W
If set, GPIO6 input use alternate lower VIH and VIL levels
7
GPI7_LVL
R/W
If set, GPIO7 input use alternate lower VIH and VIL levels
See the DC Electrical Characteristics for exact VIH and VIL levels.
3.17.8.4 Register BFh
PWM Ramp Control
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
PWM
VRD_RAMP
BFh
R/W
Ramp
PH_RAMP
00h
Control
Bit
Name
R/W
Description
3:0
VRD_RAMP
R/W
Sets the time delay between ramp steps for the VRDx_HOT ramp up/ramp down
PWM function.
7:4
PH_RAMP
R/W
Sets the time delay between ramp steps for the Px_PROCHOT ramp up/ramp down
PWM function.
If the time delay between steps is set to 0 ms, the PWM duty cycle goes immediately to 100% instead of
ramping up gradually.
SPACER
VRD_RAMP
Time Delay between
or PH_RAMP
Ramp Steps
0h
0 ms
1h
50 ms
2h
100 ms
3h
150 ms
4h
200 ms
5h
250 ms
6h
300 ms
7h
350 ms
8h
400 ms
9h
450 ms
Ah
500 ms
Bh
550 ms
Ch
600 ms
Dh
650 ms
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
65
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com