Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 61 Page - Texas Instruments

Back Button LM93 Datasheet HTML 57Page - Texas Instruments LM93 Datasheet HTML 58Page - Texas Instruments LM93 Datasheet HTML 59Page - Texas Instruments LM93 Datasheet HTML 60Page - Texas Instruments LM93 Datasheet HTML 61Page - Texas Instruments LM93 Datasheet HTML 62Page - Texas Instruments LM93 Datasheet HTML 63Page - Texas Instruments LM93 Datasheet HTML 64Page - Texas Instruments LM93 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
AD_IN5
98h
R/W
7
6
5
4
3
2
1
0
00h
Low Limit
AD_IN5
99h
R/W
7
6
5
4
3
2
1
0
FFh
High Limit
AD_IN6
9Ah
R/W
7
6
5
4
3
2
1
0
00h
Low Limit
AD_IN6
9Bh
R/W
7
6
5
4
3
2
1
0
FFh
High Limit
AD_IN7
9Ch
R/W
7
6
5
4
3
2
1
0
00h
Low Limit
AD_IN7
9Dh
R/W
7
6
5
4
3
2
1
0
FFh
High Limit
AD_IN8
9Eh
R/W
7
6
5
4
3
2
1
0
00h
Low Limit
AD_IN8
9Fh
R/W
7
6
5
4
3
2
1
0
FFh
High Limit
AD_IN9
A0h
R/W
7
6
5
4
3
2
1
0
00h
Low Limit
AD_IN9
A1h
R/W
7
6
5
4
3
2
1
0
FFh
High Limit
AD_IN10
A2h
R/W
7
6
5
4
3
2
1
0
00h
Low Limit
AD_IN10
A3h
R/W
7
6
5
4
3
2
1
0
FFh
High Limit
AD_IN11
A4h
R/W
7
6
5
4
3
2
1
0
00h
Low Limit
AD_IN11
A5h
R/W
7
6
5
4
3
2
1
0
FFh
High Limit
AD_IN12
A6h
R/W
7
6
5
4
3
2
1
0
00h
Low Limit
AD_IN12
A7h
R/W
7
6
5
4
3
2
1
0
FFh
High Limit
AD_IN13
A8h
R/W
7
6
5
4
3
2
1
0
00h
Low Limit
AD_IN13
A9h
R/W
7
6
5
4
3
2
1
0
FFh
High Limit
AD_IN14
AAh
R/W
7
6
5
4
3
2
1
0
00h
Low Limit
AD_IN14
ABh
R/W
7
6
5
4
3
2
1
0
FFh
High Limit
AD_IN15
ACh
R/W
7
6
5
4
3
2
1
0
00h
Low Limit
AD_IN15
ADh
R/W
7
6
5
4
3
2
1
0
FFh
High Limit
AD_IN16
AEh
R/W
7
6
5
4
3
2
1
0
00h
Low Limit
AD_IN16
AFh
R/W
7
6
5
4
3
2
1
0
FFh
High Limit
FFh as the high limit acts as a mask for that voltage sensor and so prevents this channel from being able
to set the associated error status bit in the B_ or H_ Error Status registers, for both high and low limit
errors.
If a voltage input either exceeds the value set in the voltage high limit register or falls below the value set
in the voltage low limit register, the corresponding bit is set automatically by the LM93 in the B_ and
H_Error Status registers.
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
61
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com