Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 56 Page - Texas Instruments

Back Button LM93 Datasheet HTML 52Page - Texas Instruments LM93 Datasheet HTML 53Page - Texas Instruments LM93 Datasheet HTML 54Page - Texas Instruments LM93 Datasheet HTML 55Page - Texas Instruments LM93 Datasheet HTML 56Page - Texas Instruments LM93 Datasheet HTML 57Page - Texas Instruments LM93 Datasheet HTML 58Page - Texas Instruments LM93 Datasheet HTML 59Page - Texas Instruments LM93 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 95 page
background image
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
AD_IN5
5Ah
R
7
6
5
4
3
2
1
0
N/D
Voltage
AD_IN6
5Bh
R
7
6
5
4
3
2
1
0
N/D
Voltage
AD_IN7
5Ch
R
7
6
5
4
3
2
1
0
N/D
Voltage
AD_IN8
5Dh
R
7
6
5
4
3
2
1
0
N/D
Voltage
AD_IN9
5Eh
R
7
6
5
4
3
2
1
0
N/D
Voltage
AD_IN10
5Fh
R
7
6
5
4
3
2
1
0
N/D
Voltage
AD_IN11
60h
R
7
6
5
4
3
2
1
0
N/D
Voltage
AD_IN12
61h
R
7
6
5
4
3
2
1
0
N/D
Voltage
AD_IN13
62h
R
7
6
5
4
3
2
1
0
N/D
Voltage
AD_IN14
63h
R
7
6
5
4
3
2
1
0
N/D
Voltage
AD_IN15
64h
R
7
6
5
4
3
2
1
0
N/D
Voltage
AD_IN16
65h
R
7
6
5
4
3
2
1
0
N/D
Voltage
The voltage reading registers reflect the current voltage of the LM93 voltage monitoring inputs. Voltages
are presented in the registers at ¾ full scale for the nominal voltage. Therefore, at nominal voltage, each
register reads C0h.
3.17.6.4 Register 67h
Current P1_PROCHOT
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
Current
67h
R
P1_PRO
7
6
5
4
3
2
1
0
00h
CHOT
This is the value of the PROCHOT percentage active time for Processor 1 at the end of each PROCHOT
monitoring interval as set by the PROCHOT Time Interval register. Writing to this register does not effect
the register contents, but does restart the capture cycle for both PROCHOT channels (P1_PROCHOT and
P2_PROCHOT). A register value of one represents anything greater than 0% but less than 0.39% of
active time.
SPACER
Register Value (Decimal)
Percentage Active Time
0
0%
1
0.39%
2
0.78%
•
•
•
•
•
•
n
n/256*100
255
99.60%
56
Functional Description
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com