Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LM93 Datasheet HTML 32Page - Texas Instruments LM93 Datasheet HTML 33Page - Texas Instruments LM93 Datasheet HTML 34Page - Texas Instruments LM93 Datasheet HTML 35Page - Texas Instruments LM93 Datasheet HTML 36Page - Texas Instruments LM93 Datasheet HTML 37Page - Texas Instruments LM93 Datasheet HTML 38Page - Texas Instruments LM93 Datasheet HTML 39Page - Texas Instruments LM93 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 95 page
background image
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
Duty cycle levels may be skipped by setting their offset value to zero. As shown in Table 3-2, the 53.57%
duty cycle step is skipped. When the temperature exceeds 74°C for CPU1 and 64°C for CPU2 the duty
cycle changes from 50% to 57.14%.
Figure 3-5. Example of the LM93 Fan Control Transfer Function.
Table 3-2. Zone 1/2 (CPU1 and CPU2) Table(1)
Lookup Table
Zone 1/2
Tbase
CPU1 Thermal Diode, Zone 1 (TD)
Tbase
CPU2 Thermal Diode, Zone 2 (TD)
Duty Cycle
Toffset
CPU1,
CPU2,
table
Zone1
Zone2
(%)
(°C)
(°C)
(°C)
(°C)
(°C)
(°C)
(°C)
70
TD<
70
60
TD<
60
25
0
28.57
0
32.14
0
35.71
0
39.29
0
42.86
0.5
70
≤TD<
70.5
60
≤TD<
60.5
46.43
1.5
70.5
≤TD<
72
60.5
≤TD<
62
50
2
72
≤TD<
74
62
≤TD<
64
53.57
0
57.14
1
74
≤TD<
75
64
≤TD<
65
71.43
1.5
75
≤TD<
76.5
65
≤TD<
66.5
85.71
1.5
76.5
≤TD<
78
66.5
≤TD<
68
100
78
≤TD
68
≤TD
(1)
In this example: Zones 1 and 2 are bound to the PWM1 output and the PWM1 frequency set to a value in the low range; Hysteresis is
set to 2°C; Toffset and hysteresis resolution is set to 0.5°C; minPWM register set to 05h for Zones 1/2. Note, the duty cycle assignment
depends on the zone to PWM output binding and the frequency setting of that PWM output.
36
Functional Description
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com