Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 79 Page - Texas Instruments

Back Button LM93 Datasheet HTML 75Page - Texas Instruments LM93 Datasheet HTML 76Page - Texas Instruments LM93 Datasheet HTML 77Page - Texas Instruments LM93 Datasheet HTML 78Page - Texas Instruments LM93 Datasheet HTML 79Page - Texas Instruments LM93 Datasheet HTML 80Page - Texas Instruments LM93 Datasheet HTML 81Page - Texas Instruments LM93 Datasheet HTML 82Page - Texas Instruments LM93 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
Bit
Name
R/W
Description
0
GPI0_MSK
R/W
When this bit is set, GPI0 error events are masked.
1
GPI1_MSK
R/W
When this bit is set, GPI1 error events are masked.
2
GPI2_MSK
R/W
When this bit is set, GPI2 error events are masked.
3
GPI3_MSK
R/W
When this bit is set, GPI3 error events are masked.
4
GPI4_MSK
R/W
When this bit is set, GPI4 error events are masked.
5
GPI5_MSK
R/W
When this bit is set, GPI5 error events are masked.
6
GPI6_MSK
R/W
When this bit is set, GPI6 error events are masked.
7
GPI7_MSK
R/W
When this bit is set, GPI7 error events are masked.
These bits mask the corresponding bits in the B_ and H_GPI Error Status Registers. They do not effect
the GPI State register.
3.17.10.2 Register EDh
Miscellaneous Error Mask
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
Miscellan
DVccp2
DVccp1
SCSI2
SCSI1
VRD2
VRD1
eous
_MSK
_MSK
_MSK
_MSK
_MSK
_MSK
EDh
R/W
RES
3Fh
Error
Mask
Bit
Name
R/W
Description
0
VRD1_MSK
R/W
When this bit is set, VRD1_HOT error events are masked.
1
VRD2_MSK
R/W
When this bit is set, VRD2_HOT error events are masked.
2
SCSI1_MSK
R/W
When this bit is set, SCSI_TERM1 error events are masked.
3
SCSI2_MSK
R/W
When this bit is set, SCSI_TERM2 error events are masked.
4
DVccp1_MSK
R/W
When this bit is set, dynamic Vccp limit error events for AD_IN7 (CPU1) are masked.
5
DVccp2_MSK
R/W
When this bit is set, dynamic Vccp limit error events for AD_IN8 (CPU2) are masked.
7:6
RES
R
Reserved
3.17.10.3 Register EEh
Special Function Zone 1 Adjustment Offset
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
Special
Function
EEh
R/W
Zone 1
RES
RES
Z1_ADJUST
00h
Adjustme
nt Offset
Bit
Name
R/W
Description
5:0
Z1_ADJUST
R/W
6-bit signed 2’s complement offset adjustment. This value is added to all zone 1
temperature measurements as they are made. All LM93 registers and functions
behave as if the resulting temperature was the true measured temperature. This
register allows offset adjustments from +31°C to
−32°C in 1°C steps.
7:6
RES
R
Reserved
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
79
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com