Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 72 Page - Texas Instruments

Back Button LM93 Datasheet HTML 68Page - Texas Instruments LM93 Datasheet HTML 69Page - Texas Instruments LM93 Datasheet HTML 70Page - Texas Instruments LM93 Datasheet HTML 71Page - Texas Instruments LM93 Datasheet HTML 72Page - Texas Instruments LM93 Datasheet HTML 73Page - Texas Instruments LM93 Datasheet HTML 74Page - Texas Instruments LM93 Datasheet HTML 75Page - Texas Instruments LM93 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 95 page
background image
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
Bit
Name
R/W
Description
0
ZN1
R/W
If set, PWM2 will be bound to temperature zone 1.
1
ZN2
R/W
If set, PWM2 will be bound to temperature zone 2.
2
ZN3
R/W
If set, PWM2 will be bound to temperature zone 3.
3
ZN4
R/W
If set, PWM2 will be bound to temperature zone 4.
4
PH1
R/W
If set, PWM2 will be bound to P1_PROCHOT.
5
PH2
R/W
If set, PWM2 will be bound to P2_PROCHOT.
6
VRD1
R/W
If set, PWM2 will be bound to VRD1_HOT.
7
VRD2
R/W
If set, PWM2 will be bound to VRD2_HOT.
This register can bind PWM2 to several different control sources. The temperature zones control the PWM
duty cycle using the table lookup function. The Px_PROCHOT and VRDx_HOT inputs control the PWM
using the ramp up/ramp down functions. If multiple control sources are bound to PWM2, the largest duty
cycle being requested will be used.
3.17.8.18 Register CDh
PWM2 Control 2
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
PWM2
PL
EPPL
INV
OVR
CDh
R/W
OVR_DC
00h
Control 2
Bit
Name
R/W
Description
0
OVR
R/W
When set, enables manual duty cycle override for PWM2.
1
INV
R/W
Invert PWM1 output. When 0, 100% duty cycle corresponds to the PWM output
continuously HIGH. When 1, 100% duty cycle corresponds to the PWM output
continuously LOW.
2
EPPL
R/W
Enable PROCHOT PWM2 lock. When set, this bit causes bound PROCHOT events
on PWM2 to trigger PPL (bit [3]). When cleared, PPL never gets set.
3
PPL
R/W
PROCHOT PWM2 lock. When set, this bit indicates that PWM2 is currently being
held at 100% because a bound PROCHOT event occurred while EPPL (bit [2]) was
set. This bit is cleared by writing a zero. Clearing this bit allows the fans to return to
normal operation. This bit is not locked by the LOCK bit in the LM93 Configuration
register.
7:4
OVR_DC
R/W
This field sets the duty cycle that will be used by PWM2 whenever manual override
mode is active. This field accepts 16 possible values that are mapped to duty cycles
according the table in the FAN CONTROL section. Whenever this register is read, it
returns the duty cycle that is currently being used by PWM2 regardless of whether
override mode is active or not. The value read may not match the last value written
if another control source is requesting a greater duty cycle. This field always returns
0h when the PWM2 spin up cycle is active.
3.17.8.19 Register CEh
PWM2 Control 3
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
PWM2
RES
SU_DC
CEh
R/W
SU_DUR
00h
Control 3
Bit
Name
R/W
Description
3:0
SU_DC
R/W
This field sets the duty cycle that used whenever PWM2 experiences a Spin-Up
cycle. This field accepts 16 possible values that are mapped to duty cycles
according the table in the Auto-Fan Control section. Setting this field to 0h effectively
disables Spin-Up.
4
RES
R
Reserved
7:5
SU_DUR
R/W
Sets the Spin-Up duration for PWM2.
Bits 7:5 configure the spin-up duration. When the duty cycle of PWM2 changes from zero to a non-zero
value, the spin-up sequence is activated for the specified amount of time. The available settings are
defined according to this table:
SPACER
72
Functional Description
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com