Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 84 Page - Texas Instruments

Back Button LM93 Datasheet HTML 80Page - Texas Instruments LM93 Datasheet HTML 81Page - Texas Instruments LM93 Datasheet HTML 82Page - Texas Instruments LM93 Datasheet HTML 83Page - Texas Instruments LM93 Datasheet HTML 84Page - Texas Instruments LM93 Datasheet HTML 85Page - Texas Instruments LM93 Datasheet HTML 86Page - Texas Instruments LM93 Datasheet HTML 87Page - Texas Instruments LM93 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 95 page
background image
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
4.4
AC Electrical Characteristics
The following limits apply for +3.0 VDC to +3.6 VDC, unless otherwise noted. Bold face limits apply for TA = TJ = TMIN to TMAX
of the operating range; all other limits TA = TJ = 25°C unless otherwire noted.
Typical
Limits
Units
Symbol
Parameter
Conditions
(1)
(2)
(Limits)
FAN RPM-TO-DIGITAL CHARACTERISTICS
Counter Resolution
14
bits
Number of fan tach pulses count is based
2
pulses
on
Counter Frequency
22.5
kHz
Accuracy
±6
% (max)
PWM OUTPUT CHARACTERISTICS
Frequency Tolerances
±6
% (max)
Duty-Cycle Tolerance
±2
±6
% (max)
RESET INPUT/OUTPUT CHARACTERISTICS
Output Pulse Width
250
ms (min)
Upon Power Up
330
ms (max)
Minimum Input Pulse Width
10
µs (min)
Reset Output Fall Time
1.6V to 0.4V Logic Levels
1
µs (max)
SMBUS TIMING CHARACTERISTICS(3)
fSMBCLK
SMBCLK (Clock) Clock Frequency
10
kHz (min)
100
kHz (max)
tBUF
SMBus Free Time between Stop and
4.7
µs (min)
Start Conditions
tHD;STA
Hold time after (Repeated) Start
Condition. After this period, the first clock
4.0
µs (min)
is generated.
tSU;STA
Repeated Start Condition Setup Time
4.7
µs (min)
tSU;STO
Stop Condition Setup Time
4.0
µs (min)
tSU;DAT
Data Input Setup Time to SMBCLK High
250
ns (min)
tHD;DAT
Data Output Hold Time after SMBCLK
300
ns (min)
Low
930
ns (max)
tLOW
SMBCLK Low Period
4.7
µs (min)
50
µs (max)
tHIGH
SMBCLK High Period
4.0
µs (min)
50
µs (max)
tR
Rise Time
1
µs (max)
tF
Fall Time
300
ns (max)
tTIMEOUT
Timeout
31
ms
SMBDAT or SMBCLK low
25
ms (min)
time required to
35
ms (max)
reset the Serial Bus
Interface to the Idle State
tPOR
Time in which a device must be
VDD > +2.8V
500
ms (max)
operational after power-on reset
CL
Capacitance Load on SMBCLK and
400
pF (max)
SMBDAT
(1)
Typical parameters are at TJ = TA = 25 °C and represent most likely parametric norm.
(2)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(3)
Timing specifications are tested at the TTL logic levels, VIL = 0.4V for a falling edge and VIH = 2.4V for a rising edge. TRI-STATE output
voltage is forced to 1.4V.
84
Electrical Specifications
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com