Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 67 Page - Texas Instruments

Back Button LM93 Datasheet HTML 63Page - Texas Instruments LM93 Datasheet HTML 64Page - Texas Instruments LM93 Datasheet HTML 65Page - Texas Instruments LM93 Datasheet HTML 66Page - Texas Instruments LM93 Datasheet HTML 67Page - Texas Instruments LM93 Datasheet HTML 68Page - Texas Instruments LM93 Datasheet HTML 69Page - Texas Instruments LM93 Datasheet HTML 70Page - Texas Instruments LM93 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
Bit
Name
R/W
Description
7
ZN2E
R/W
When set, the filtered temperature for zone 2 is used for both limit checking and
auto-fan control instead of the unfiltered temperature. Even when this bit is cleared,
the filtered temperature can be read by software from the filtered temperature
register.
If the REMOTE1 or REMOTE2 pins are connected to a processor or chipset, instantaneous temperature
spikes may be sampled by the LM93. If these spikes are not ignored, the PWM outputs may cause the
fans to turn on prematurely and produce unpleasant noise. Also, false error events may occur. For this
reason, any zone that is connected to a chipset or processor may need spike smoothing enabled. The
spike smoothing provides additional filtering above and beyond any
ΣΔ A/D inherent averaging.
When spike smoothing is enabled, the temperature reading registers still reflect the current value of the
temperature—not the filtered value. Only the filtered temperature registers reflect the filtered value.
SPACER
ZN1 or ZN2
Spike Smoothed Over
0h
11.8 seconds
1h
7.0 seconds
2h
4.4 seconds
3h
3.0 seconds
4h
1.6 seconds
5h
0.8 seconds
6h
0.6 seconds
7h
0.4 seconds
3.17.8.8 Register C3h
Zones 1/2 MinPWM and Hysteresis
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
Zones 1/2
FC_TH
MinPWM
C3h
R/W
and
MinPWM
N/D
Hysteresi
s
Bit
Name
R/W
Description
3:0
FC_TH
R/W
This field sets the amount of hysteresis (in degrees C) that is used by the auto-fan
control for zones 1 and 2. This should be set greater than 0 to avoid unwanted
oscillation between two steps in the look-up table.
7:4
MinPWM
R/W
This field determines the duty cycle that the auto-fan control requests for zones 1
and 2 if the temperature for the given zone falls below the programmed base
temperature for that zone. This field accepts 16 possible values that are mapped to
duty cycles according the table in the Auto-Fan Control section.
3.17.8.9 Register C4h
Zones 3/4 MinPWM and Hysteresis
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
Zones 3/4
FC_TH
MinPWM
C4h
R/W
and
MinPWM
N/D
Hysteresi
s
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
67
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com