Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 48 Page - Texas Instruments

Back Button LM93 Datasheet HTML 44Page - Texas Instruments LM93 Datasheet HTML 45Page - Texas Instruments LM93 Datasheet HTML 46Page - Texas Instruments LM93 Datasheet HTML 47Page - Texas Instruments LM93 Datasheet HTML 48Page - Texas Instruments LM93 Datasheet HTML 49Page - Texas Instruments LM93 Datasheet HTML 50Page - Texas Instruments LM93 Datasheet HTML 51Page - Texas Instruments LM93 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 95 page
background image
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
3.17.4.1 Register 40h
B_Error Status 1
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
B_Error
VRD2
VRD1
ZN4_
ZN3_
ZN2_
ZN1_
40h
RWC
RES
00h
Status 1
_ERR
_ERR
ERR
ERR
ERR
ERR
Sleep
Bit
Name
R/W
Description
Masking
0
ZN1_ERR
RWC
This bit is set when the zone 1 temperature has fallen outside the zone 1
S3*, S4/5*
temperature limits.
1
ZN2_ERR
RWC
This bit is set when the zone 2 temperature has fallen outside the zone 2
S3*, S4/5*
temperature limits.
2
ZN3_ERR
RWC
This bit is set when the zone 3 temperature has fallen outside the zone 3
none
temperature limits.
3
ZN4_ERR
RWC
This bit is set when the zone 4 temperature has fallen outside the zone 4
none
temperature limits.
4
VRD1_ERR
RWC
This bit is set when the VRD1_HOT input has been asserted.
S3, S4/5
5
VRD2_ERR
RWC
This bit is set when the VRD2_HOT# input has been asserted.
S3, S4/5
7:6
RES
R
Reserved
N/A
3.17.4.2 Register 41h
B_Error Status 2
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
B_Error
ADIN8
ADIN7
ADIN6
ADIN5
ADIN4
ADIN3
ADIN2
ADIN1
41h
RWC
00h
Status 2
_ERR
_ERR
_ERR
_ERR
_ERR
_ERR
_ERR
_ERR
Sleep
Bit
Name
R/W
Description
Masking
0
AD1_ERR
RWC
This bit is set when the AD_IN1 voltage has fallen outside the range defined by the
S3, S4/5
AD_IN1 Low Limit and the AD_IN1 High Limit registers.
1
AD2_ERR
RWC
This bit is set when the AD_IN2 voltage has fallen outside the range defined by the
S3, S4/5
AD_IN2 Low Limit and the AD_IN2 High Limit registers.
2
AD3_ERR
RWC
This bit is set when the AD_IN3 voltage has fallen outside the range defined by the
S3, S4/5
AD_IN3 Low Limit and the AD_IN3 High Limit registers.
3
AD4_ERR
RWC
This bit is set when the AD_IN4 voltage has fallen outside the range defined by the
S3, S4/5
AD_IN4 Low Limit and the AD_IN4 High Limit registers.
4
AD5_ERR
RWC
This bit is set when the AD_IN5 voltage has fallen outside the range defined by the
S3, S4/5
AD_IN5 Low Limit and the AD_IN5 High Limit registers.
5
AD6_ERR
RWC
This bit is set when the AD_IN6 voltage has fallen outside the range defined by the
S3, S4/5
AD_IN6 Low Limit and the AD_IN6 High Limit registers.
6
AD7_ERR
RWC
This bit is set when the AD_IN7 voltage has fallen outside the range defined by the
S3, S4/5
AD_IN7 Low Limit and the AD_IN7 High Limit registers.
7
AD8_ERR
RWC
This bit is set when the AD_IN8 voltage has fallen outside the range defined by the
S3, S4/5
AD_IN8 Low Limit and the AD_IN8 High Limit registers.
3.17.4.3 Register 42h
B_Error Status 3
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
B_Error
ADIN16
ADIN15
ADIN14
ADIN13
ADIN12
ADIN11
ADIN10
ADIN9
42h
RWC
00h
Status 3
_ERR
_ERR
_ERR
_ERR
_ERR
_ERR
_ERR
_ERR
Sleep
Bit
Name
R/W
Description
Masking
0
AD9_ERR
RWC
This bit is set when the AD_IN9 voltage has fallen outside the range defined by the
S3, S4/5
AD_IN9 Low Limit and the AD_IN9 High Limit registers.
1
AD10_ERR
RWC
This bit is set when the AD_IN10 voltage has fallen outside the range defined by
S3, S4/5
the AD_IN10 Low Limit and the AD_IN10 High Limit registers.
2
AD11_ERR
RWC
This bit is set when the AD_IN11 voltage has fallen outside the range defined by
S3, S4/5
the AD_IN11 Low Limit and the AD_IN11 High Limit registers.
48
Functional Description
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com