Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 59 Page - Texas Instruments

Back Button LM93 Datasheet HTML 55Page - Texas Instruments LM93 Datasheet HTML 56Page - Texas Instruments LM93 Datasheet HTML 57Page - Texas Instruments LM93 Datasheet HTML 58Page - Texas Instruments LM93 Datasheet HTML 59Page - Texas Instruments LM93 Datasheet HTML 60Page - Texas Instruments LM93 Datasheet HTML 61Page - Texas Instruments LM93 Datasheet HTML 62Page - Texas Instruments LM93 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 95 page
background image
LM93
www.ti.com
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
Fan Tach
75h
R
4
TACH4[13:6]
N/D
MSB
The 14-bit fan tach readings indicate the number of 22.5 kHz clock periods that occurred during two full
periods of the tachometer input signal. Most fans produce two tachometer pulses per full revolution. These
registers must be updated at least once every second.
The fan tachometer reading registers must always return an accurate fan tachometer measurement, even
when a fan is disabled or non-functional. 3FFFh indicates that the fan is stalled, not spinning fast enough
to measure, or the tachometer input is not connected to a valid signal.
If the pulses per revolution of the fan is known, the RPM can be calculated with the following equation:
RPM= 22500 cycles/sec * 60 sec/min * 2 pulses / COUNT cycles / PULSES_PER_REV
where:
•
PULSES_PER_REV = the number of pulses that the fan produces per revolution
•
COUNT = The 14-bit value read from the tach register
(8)
3.17.7 LIMIT REGISTERS
3.17.7.1 Registers 78–7Fh
Temperature Limit Registers
Register
Read/
Register
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address
Write
Name
Value
Processo
r 1
78h
R/W
(Zone1)
7
6
5
4
3
2
1
0
80h
Low
Temp
Processo
r 1
79h
R/W
(Zone1)
7
6
5
4
3
2
1
0
80h
High
Temp
Processo
r 2
7Ah
R/W
(Zone2)
7
6
5
4
3
2
1
0
80h
Low
Temp
Processo
r 2
7Bh
R/W
(Zone2)
7
6
5
4
3
2
1
0
80h
High
Temp
Internal
(Zone3)
7Ch
R/W
7
6
5
4
3
2
1
0
80h
Low
Temp
Internal
(Zone3)
7Dh
R/W
7
6
5
4
3
2
1
0
80h
High
Temp
External
Digital
7Eh
R/W
(Zone4)
7
6
5
4
3
2
1
0
80h
Low
Temp
External
Digital
7Fh
R/W
(Zone4)
7
6
5
4
3
2
1
0
80h
High
Temp
Copyright © 2003–2013, Texas Instruments Incorporated
Functional Description
59
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com