Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM93 Datasheet HTML 8Page - Texas Instruments LM93 Datasheet HTML 9Page - Texas Instruments LM93 Datasheet HTML 10Page - Texas Instruments LM93 Datasheet HTML 11Page - Texas Instruments LM93 Datasheet HTML 12Page - Texas Instruments LM93 Datasheet HTML 13Page - Texas Instruments LM93 Datasheet HTML 14Page - Texas Instruments LM93 Datasheet HTML 15Page - Texas Instruments LM93 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 95 page
background image
R1
R2
=
(-12 - 3.3)
(0.309 - 3.3)
- 1 = 4.11535
R1
R2
=
(VIN - VREF)
(AD_IN - VREF)
- 1
R1
VIN
to
AD_IN15
R2
3.3V
SB
±1%
+
-
R1
R2
=
12
0.927
- 1 = 11.04498
VIN
to AD_IN1-
3
R1
R2
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
3.5
RECOMMENDED EXTERNAL SCALING RESISTORS FOR +12V POWER RAILS
The +12V inputs require external scaling resistors. The resistors need to scale 12V down to 0.927V.
Figure 3-1. Required External Scaling
Resistors for +12V Power Input
To calculate the required ratio of R1 to R2 use this equation:
(1)
It is recommended that the equivalent thevenin resistance of the divider be between 1k and 7k to minimize
errors caused by leakage currents at extreme temperatures. The best values for the resistors are:
R1=13.7 k
Ω and R2=1.15 kΩ. This yields a ratio of 11.94498, which has a +0.27% deviation from the
theoretical. It is also recommended that the resistors have ±1% tolerance or better.
Each LSB in the voltage value registers has a weight of 12V / 192 = 62.5 mV. To calculate the actual
voltage of the +12V power input, use the following equation:
VIN = (8-bit value register code) x (62.5 mV)
(2)
3.6
RECOMMENDED EXTERNAL SCALING CIRCUIT FOR
−12V POWER INPUT
The
−12V input requires external resistors to level shift the nominal input voltage of −12V to +0.309V.
Figure 3-2. Required External Level Shifting
Resistors for
−12V Power Input
The +3.3V standby voltage is used as a reference for the level shifting. Therefore, the tolerance of this
voltage directly effects the accuracy of the
−12V reading. To minimize ratio errors, a tolerance of better
than ±1% should be used. It is recommended that the equivalent thevenin resistance of the divider is
between 1k and 7k to minimize errors caused by leakage currents at extreme temperatures. To calculate
the ratio of R1 to R2 use this equation:
(3)
where VIN is the nominal input voltage of −12V, VREF is the reference voltage of +3.3V and AD_IN is the
voltage required at the AD input for a ¼ scale reading or 0.309V.
Therefore, for this case:
(4)
Using standard 1% resistor values for R1 of 5.76 k
Ω and R2 of 1.4 kΩ yields an R1 to R2 ratio of 4.1143.
The input voltage VIN can be calculated using the value register reading (VR) using this equation:
12
Functional Description
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com