Electronic Components Datasheet Search
  English  ▼

X  

LM93 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM93
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM93 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM93 Datasheet HTML 2Page - Texas Instruments LM93 Datasheet HTML 3Page - Texas Instruments LM93 Datasheet HTML 4Page - Texas Instruments LM93 Datasheet HTML 5Page - Texas Instruments LM93 Datasheet HTML 6Page - Texas Instruments LM93 Datasheet HTML 7Page - Texas Instruments LM93 Datasheet HTML 8Page - Texas Instruments LM93 Datasheet HTML 9Page - Texas Instruments LM93 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 95 page
background image
LM93
SNAS210E – DECEMBER 2003 – REVISED MARCH 2013
www.ti.com
Table 2-1. Pin Descriptions(1) (continued)
Symbol
Pin #
Type
Function
AD_IN2
24
Analog Input (+12V2)
Analog Input for +12V Rail 2 monitoring, for CPU2 voltage regulator. External
attenuation resistors required such that 12V is attenuated to 0.927V.
AD_IN3
25
Analog Input (+12V3)
Analog Input for +12V Rail 3, for Memory/3GIO slots. External attenuation
resistors required such that 12V is attenuated to 0.927V.
AD_IN4
26
Analog Input (FSB_Vtt)
Analog input for 1.2V monitoring
AD_IN5
27
Analog Input (3GIO /
Analog input for 1.5V monitoring.
PXH / MCH_Core)
AD_IN6
28
Analog Input
Analog input for 1.5V monitoring.
(ICH_Core)
AD_IN7 (P1_Vccp)
29
Analog Input
Analog input for +Vccp (processor voltage) monitoring.
(CPU1_Vccp)
AD_IN8 (P2_Vccp)
30
Analog Input
Analog input for +Vccp (processor voltage) monitoring.
(CPU2_Vccp)
AD_IN9
31
Analog Input (+3.3V)
Analog input for +3.3V monitoring.
AD_IN10
32
Analog Input (+5V)
Analog input for +5V monitoring silver box supply monitoring.
AD_IN11
33
Analog Input
Analog input for +2.5V monitoring.
(SCSI_Core)
AD_IN12
34
Analog Input
Analog input for +1.969V monitoring.
(Mem_Core)
AD_IN13
35
Analog Input
Analog input for +0.984V monitoring.
(Mem_Vtt)
AD_IN14
36
Analog Input
Analog input for +0.984V S/B monitoring.
(Gbit_Core)
AD_IN15
37
Analog Input (-12V)
Analog input for -12V monitoring. External resistors required to scale to
positive level. Full scale reading at 1.236V.
Address Select
38
3 level analog input
This input selects the lower two bits of the LM93 SMBus slave address.
AD_IN16
39
POWER (VDD) +3.3V
VDD power input for LM93. Generally this is connected to +3.3V standby
standby power
power.
The LM93 can be powered by +3.3V if monitoring in low power states is not
required, but power should be applied to this input before any other pins.
This pin also serves as the analog input to monitor the 3.3V stand-by (SB)
voltage. It is necessary to bypass this pin with a 0.1 µF in parallel with 100
pF. A bulk capacitance of 10 µF should be in the near vicinity. The 100 pF
should be closest to the power pin.
GND
40
GROUND
Digital Ground. Digital ground and analog ground need to be tied together at
the chip then both taken to a low noise system ground. A voltage difference
between analog and digital ground may cause erroneous results.
PWM1
41
Digital Output (Open-
Fan control output 1.
Drain)
PWM2
42
Digital Output (Open-
Fan control output 2
Drain)
P1_VID0
43
Digital Input
Voltage Identification signal from the processor.
P1_VID1
44
Digital Input
Voltage Identification signal from the processor.
P1_VID2
45
Digital Input
Voltage Identification signal from the processor.
P1_VID3
46
Digital Input
Voltage Identification signal from the processor.
P1_VID4
47
Digital Input
Voltage Identification signal from the processor.
P1_VID5
48
Digital Input
Voltage Identification signal from the processor.
P1_PROCHOT
49
Digital I/O (Open-Drain) Connected to CPU1 PROCHOT (processor hot) signal through a bidirectional
level shifter.
P2_PROCHOT
50
Digital I/O (Open-Drain) Connected to CPU2 PROCHOT (processor hot) signal through a bi-
directional level shifter.
P2_VID0
51
Digital Input
Voltage Identification signal from the processor.
P2_VID1
52
Digital Input
Voltage Identification signal from the processor.
P2_VID2
53
Digital Input
Voltage Identification signal from the processor.
P2_VID3
54
Digital Input
Voltage Identification signal from the processor.
6
Device Information
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com